Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ7DV10 Datasheet(PDF) 2 Page - Sharp Electrionic Components

No. de Pieza. PQ7DV10
Descripción  Variable Output,(1.5 to 7V)10A Output Low Power-loss Voltage Regulator
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ7DV10 Datasheet(HTML) 2 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ7DV10
Fig. 3 Power Dissipation vs. Ambient
Temperature
Fig. 4 Overcurrent Protection
Characteristics(Typical Value)
Fig. 1 Test Circuit
Fig. 2 Test Circuit for Ripple Rejection
0
–20
0
PD1
PD2
PD1 : No heat sink
PD2 : With infinite heat sink
40
20
60
80
20
10
30
40
50
60
Ambient temperature Ta (˚C)
0
5
10
15
20
100
80
40
60
20
0
Output current IO (A)
Note)
Oblique line portion : Overheat protection may operate in this area.
Parameter
Symbol
Conditions
Input voltage
Reference voltage
Reference voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
OFF-state current for control
Quiescent current
Unit
MAX.
TYP.
NIN.
3
1.5
1.225
45
2
1.25
0.5
0.5
±0.01
55
10
7
1.275
2
2.5
0.5
20
0.8
–40
17
s Electrical Characteristics
❇3 In case of opening control terminal ➃,output voltage turns on.
(Unless otherwise specified, conditions shall be VIN=5V, Io=5A, Vo=3V(R1=2k
Ω) Ta=25˚C)
VIN
VO
Vref
RegL
RegI
TCVO
RR
Vi-o
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iq
IO=5mA to 10A
VIN=4 to 10V
Tj=0 to 125˚C
Refer to Fig. 2
VIN=3V, Io=10A
VC=2.7V
VC=0.4V
IO=0A
V
V
V
%
%
%/˚C
dB
V
V
µA
V
mA
mA
❇3
V
A
A
V
V
A
VIN
VC
Iq 2k
IO
VO
VC
2.7V
RL
47
µF
0.33
µF
+
R2
R1
VIN
ei
eo
2k
IO
RL
0.33
µF
47
µF
+
R2
R1
+
Vref
Vref
f=120Hz(sine wave)
ei(rms)=0.5V
VIN=5V
VO=3V(R1=2k
Ω)
IO=0.5A
RR=20 log(ei(rms)/eo(rms))
Vo=Vref✕(1+R2/R1)
[R1=2k
Ω,Vref Nearly=1.25V]
1
5
2
4
3
1
5
2
4
3


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn