Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ7DV10 Datasheet(PDF) 3 Page - Sharp Electrionic Components

No. de Pieza. PQ7DV10
Descripción  Variable Output,(1.5 to 7V)10A Output Low Power-loss Voltage Regulator
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ7DV10 Datasheet(HTML) 3 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ7DV10
Fig. 5 Output Voltage Adjustment
Characteristics
Fig. 6 Output Voltage Deviation vs. Junction
Temperature
Fig. 7 Output Voltage vs. Input Voltage
Fig. 9 Dropout Voltage vs. Junction
Temperature
Fig. 8 Circuit Operating Current vs. Input
Voltage
Fig.10 Ripple Rejection vs. Junction
Temperature
2
4
1
0
3
6
5
8
7
102
103
104
2
4
1
0
3
6
5
8
7
R1=2k
R2 (
Ω)
–10
–25
0
25
50
75
100
125
–6
–2
2
6
–8
–4
0
4
8
VIN=5V
VO=3V(R1=2k
Ω,R2=2.8kΩ)
IO=2.5A
10
Junction temperature Tj (˚C)
–25
0
50
25
100
75
125
0.5
0.4
0.2
0.3
0.1
0
Junction temperature Tj (˚C)
VO=3V(R1=2k
Ω,R2=2.8kΩ)
VIN : Input voltage when output voltage
is 95% in comparison with the initial value
0
01
2
3
4
5
1
2
3
4
RL=
RL=0.6
RL=0.3
Input voltage VIN (V)
Tj =25˚C
VO=3V(R1=2k
Ω,R2=2.8kΩ)
0
05
24
13
40
80
160
120
RL=
RL=0.3
RL=0.6
Input voltage VIN (V)
Tj =25˚C
VO=3V(R1=2k
Ω,R2=2.8kΩ)
–25
0
50
25
100
75
125
100
80
40
60
20
0
Junction temperature Tj (˚C)
VIN=7V
VO=3V(R1=2k
Ω,R2=2.8kΩ)
IO =0.5A,ei(rms)=0.5V
f=120Hz


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn