Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ7DV10 Datasheet(PDF) 4 Page - Sharp Electrionic Components

No. de Pieza. PQ7DV10
Descripción  Variable Output,(1.5 to 7V)10A Output Low Power-loss Voltage Regulator
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ7DV10 Datasheet(HTML) 4 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ7DV10
Fig.12 Ripple Rejection vs. Input Ripple
Frequency
s Typical Applications
Fig.11 Quiescent Current vs. Junction
Temperature
0
–25
0
25
50
75
100
125
5
10
15
VIN =5V
VO=3V(R1=2k
Ω,R2=2.8kΩ)
IO =0A
20
Junction temperature Tj (˚C)
2k
R1
R2
CO
+
VO
CIN
VIN
High or Open
: Output ON
Low
: Output OFF
ON/OFF
Signal
1
5
2
4
3
0
0.1
10
1
100
20
40
60
100
80
Input ripple frequency f (kHz)
VIN=5V
VO=3V(R1=2k
Ω,R2=2.8kΩ)
Io=0.5A, ei(rms)=0.5V,
Tj =25˚C


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn