Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ7RV4 Datasheet(PDF) 5 Page - Sharp Electrionic Components

No. de Pieza. PQ7RV4
Descripción  Variable Output(1.5 to 7V), 4.6A Output Low Power-loss Voltage Regulator
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ7RV4 Datasheet(HTML) 5 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ7RV4
ON/OFF operation is available by mounting externally D2 and R3.
When VADJ is forcibly raised above Vref(1.25V TYP)by applying the external signal,the output is turned off(pass transistor of
regulator is turned off). When the output is OFF, VADJ must be higher than Vref MAX., and at the same time must be lower
than maximum rating 5V.
In OFF-state, the load current flows to RL from VADJ through R2. Therefore the value of R2 must be as high as possible.
In OFF state, as shown below,voltage
VO'=VADJ✕RL/(RL+R2)
occurs at the load. OFF-state equivalent circuit R1 up to 5k
Ω is allowed.
Select as high value of RL and R2 as possible in thisrange. In some case, as output voltage is getting lower(VO<1V), impedance
of load resistance rises. In such condition, it is sometimes impossible to obtain the minimum value of VO'. So add the dummy
resistance indicated by RD in the figure to the circuit parallel to the load.


Html Pages

1  2  3  4  5  6