Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT42W Datasheet(PDF) 3 Page - Won-Top Electronics |
|
BAT42W Datasheet(HTML) 3 Page - Won-Top Electronics |
3 / 4 page BAT42W / BAT43W 3 of 4 © 2006 Won-Top Electronics MARKING INFORMATION RECOMMENDED FOOTPRINT PACKAGING INFORMATION Reel Diameter (mm) Quantity (PCS) Inner Box Size L x W x H (mm) Quantity (PCS) Carton Size L x W x H (mm) Quantity (PCS) Approx. Gross Weight (KG) 178 3,000 187 x 187 x 65 15,000 390 x 240 x 420 150,000 10.0 Cathode = Polarity Band Lx = Device Code x = 2 (BAT42W) or 3 (BAT43W) Lx 0.036 (0.91) inches(mm) 0.048 (1.22) 0.093 (2.36) 178mm Product ID Label 8mm Direction of Unreeling 8mm 4mm 1.6mm Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment. 2. Components are packed in accordance with EIA standard 481-1 and 481-2. Inspection Hole TAPE & REEL 4mm |
Número de pieza similar - BAT42W |
|
Descripción similar - BAT42W |