Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


PQ015YZ5MZ Datasheet(Hoja de datos) 5 Page - Sharp Electrionic Components

No. de Pieza. PQ015YZ5MZ
Descripción  Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

   
 5 page
background image
Low Power-Loss Voltage Regulators
PQ015YZ5MZ Series/PQ015YZ01Z Series
Fig.16 Circuit Operating Current vs. Input Voltage
/Bias Supply Voltage (PQ015YZ01Z)
Fig.17 Circuit Operating Current vs. Input Voltage
/Bias Supply Voltage (PQ015YZ5MZ)
Fig.18 Output Voltage vs. Input Voltage/Bias
Supply Voltage (PQ015YZ01Z)
Fig.19 Output Voltage vs. Output Current
01
23
5
4
0
2
4
6
8
10
12
14
16
18
20
22
24
26
1
0
2
Input voltage/Bias supply voltage VIN/VB (V)
IIN
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
R1=1k
R2=200k
VIN=1.8V
VC=2.7V
CIN=0.33
µF
CO=47
µF
R1=1k
R2=200k
IIN-VIN
IB-VB
IB
01234567
0
–1.0
–0.5
0
0.5
1.0
1.5
Input voltage/Bias supply voltage VIN/VB (V)
VIN
VB
R1=1k
Ω, R2=200Ω
(On condition that VO=1.2V)
CIN=0.33
µF, CO=47µF
IO=0A
Base on
VIN=1.8V, VB=3.3V
01234567
0
–1.0
–0.5
0
0.5
1.0
1.5
Input voltage/Bias supply voltage VIN/VB (V)
VIN
VB
R1=1k
Ω, R2=200Ω
(On condition that VO=1.2V)
CIN=0.33
µF, CO=47µF
IO=0A
Base on
VIN=1.8V, VB=3.3V
0
0.5
1.0
1.5
0
+1.5
+1.0
+0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
Output current IO (A)
PQ015YZ5MZ
PQ015YZ01Z
VIN=1.8V,VB=3.3V
VC=2.7V,CIN=0.33
µF
CO=47
µF(Ar)
On condition that VO=1.2V
(R1=1k
Ω,R2=200Ω)
Fig.20 Ripple Rejection vs. Input Ripple
Frequency
Fig.21 Ripple Rejection vs. Output Current
0.1
1
10
100
Input ripple frequency f (kHz)
40
45
50
55
60
65
70
75
80
ei(rms)=0.1V,VIN=1.8V
VB=3.3V,VC=2.7V
IO=0.3A,CO=47
µF
Ta=Room Temp
(On condition that VO=1.2V)
PQ015YZ5M-VIN
PQ015YZ01-VIN
PQ015YZ5M-VB
PQ015YZ01-VB
ei(rms)=0.1V,f=120HZ
VIN=1.8V,VB=3.3V
VC=2.7V,CO=47
µF
Ta=Room Temp
(On condition that VO=1.2V)
Output current IO (A)
40
80
75
70
65
60
55
50
45
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
PQ015YZ5M-VIN
PQ015YZ01-VIN
PQ015YZ5M-VB
PQ015YZ01-VB




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
PQ015EZ5MZPSC-63 Package Low Voltage Operation Low Power-Loss Voltage Regulators 1 2 3 4 5 MoreSharp Electrionic Components
RXXLD10LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS 1 2 3 4 5 MoreUnisonic Technologies
PQ1KAXX3MZPHCompact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 Sharp Electrionic Components
PQ05RF2_012A Output Low Power-Loss Voltage Regulators 1 2 3 4 5 MoreSharp Electrionic Components
PQ1KXX3M2ZPLow Output Current Compact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 5 Sharp Electrionic Components
PQ05RH1_011.5A Output Low Power-Loss Voltage Regulators 1 2 3 4 5 MoreSharp Electrionic Components
PQ1LAX95MSPQCompact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 Sharp Electrionic Components
PQ05VY3H3Z_01Surface Mount Large Output Current Type Low Power-Loss Voltage Regulators 1 2 3 4 5 MoreSharp Electrionic Components
PQ1LAXX3MSPQCompact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 Sharp Electrionic Components

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl