Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ20VZ51 Datasheet(PDF) 6 Page - Sharp Electrionic Components

No. de Pieza. PQ20VZ51
Descripción  Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ20VZ51 Datasheet(HTML) 6 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ20VZ51/PQ20VZ11
s ON/OFF Operation
As shown in the figure,ON/OFF control function is available.
VO
VIN
CO
DC input
+
High
: Output ON
Low or Open : Output OFF
ON/OFF
signal
1
3
2
5
s Setting of Output Voltage
Output voltage is able to be set from 1.5V to 20V when resistors R1,R2 are attached to➂,➃,➄
terminals. As for the external resistors to set output voltage, refer to the figure below or Fig.5.
+
Vref
3
4
5
R2
R1
VO
VO=Vref
×(1+R2/R1)
(R1=1k
Ω,Vref Nearly=1.25V)
Sleeve-packaged products
Tape-packaged products
High-precision output type
PQ20VZ51
PQ20VZ11
High-precision output type
PQ20VZ5U
PQ20VZ1U
Output current
0.5A output
1.0A output
s Model Line-ups for Tape-packaged Products


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn