Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ070VK01FZH Datasheet(PDF) 6 Page - Sharp Electrionic Components

No. de Pieza. PQ070VK01FZH
Descripción  Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ070VK01FZH Datasheet(HTML) 6 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Sheet No.: OP06035
PQ070VK01FZH / PQ070VK02FZH
1
3
2
5
4
+
Load
ON/OFF signal
High : Output ON
Low or Open : Output OFF
+
5
4
3
Setting of Output Voltage
Fig.21 Typical Application
VIN
CIN
VO
R2
R1
CO
Vref
R2
R1
VO
+
Output voltage is able to set (1.5V to 7V) when resistors R1, R2 are attached to ③,④,⑤ terminals. As for the external
resistors to set output voltage, refer to the following figure and Fig.20.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn