Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDR999CTP Datasheet(PDF) 1 Page - Solid States Devices, Inc

No. de pieza SDR999CTP
Descripción Electrónicos  100 AMP 800 -1200 Volts 80 nsec ULTRA FAST COMMON CATHODE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSDI [Solid States Devices, Inc]
Página de inicio  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR999CTP Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR999CTP Datasheet HTML 1Page - Solid States Devices, Inc SDR999CTP Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0119B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• Ultra Fast Recovery: 60 nsec typical
• High Surge Rating
• Low Reverse Leakage Current
• Low Forward Voltage Drop
• Low Junction Capacitance
• Hermetically Sealed Package
• Gold Eutectic Die Attach available
• Ultrasonic Aluminum Wire Bonds
• Ceramic Seals for improved hermeticity available
• Available in Common Anode and Doubler versions:
SDR998CAN&P-SDR9912CAN&P
SDR998DN&P-SDR9912DN&P
• TX, TXV, Space Level Screening AvailableConsult
Factory.
SDR998CTN&P
thru
SDR9912CTN&P
100 AMP
800 -1200 Volts
80 nsec
ULTRA FAST COMMON
CATHODE RECTIFIER
TO-258
TO-259
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SDR998CTN&P
SDR999CTN&P
SDR9910CTN&P
SDR9911CTN&P
SDR9912CTN&P
VRRM
VRWM
VR
800
900
1000
1100
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)note 1, 2
Io
60
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)note 2
IFSM
550
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case, each individual diode
Junction to Case, note 1
RθJE
0.9
0.5
ºC/W
Note 1: Both legs tied together
Note 2: Package limited


Número de pieza similar - SDR999CTP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SDR999CT/3 SSDI-SDR999CT/3 Datasheet
31Kb / 2P
   100 AMP 800 -1200 Volts 80 nsec ULTRA FAST COMMON CATHODE CENTERTAP RECTIFIER
More results

Descripción similar - SDR999CTP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SDR998CT-3 SSDI-SDR998CT-3 Datasheet
31Kb / 2P
   100 AMP 800 -1200 Volts 80 nsec ULTRA FAST COMMON CATHODE CENTERTAP RECTIFIER
SDR998N SSDI-SDR998N Datasheet
49Kb / 2P
   50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
SDR958 SSDI-SDR958 Datasheet
213Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958-3 SSDI-SDR958-3 Datasheet
211Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958M SSDI-SDR958M Datasheet
231Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958N SSDI-SDR958N Datasheet
228Kb / 2P
   50 AMP 800 -1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
   3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SDR803 SSDI-SDR803 Datasheet
39Kb / 2P
   100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR4512M SSDI-SDR4512M Datasheet
169Kb / 2P
   45 AMP 1200 VOLTS 80 nsec RECTIFIER
SDR958 SSDI-SDR958_1 Datasheet
106Kb / 3P
   50 AMP 800 -1200 Volts 100 nsec Ultrafast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com