Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S20D30C Datasheet(PDF) 1 Page - Won-Top Electronics

No. de pieza S20D30C
Descripción Electrónicos  20A DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

S20D30C Datasheet(HTML) 1 Page - Won-Top Electronics

  S20D30C Datasheet HTML 1Page - Won-Top Electronics S20D30C Datasheet HTML 2Page - Won-Top Electronics S20D30C Datasheet HTML 3Page - Won-Top Electronics S20D30C Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S20D30C – S20D60C
1 of 4
© 2006 Won-Top Electronics
Pb
S20D30C – S20D60C
20A DUAL SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
H
!
Guard Ring for Transient Protection
!
Low Forward Voltage Drop
!
Low Reverse Leakage Current
S
J
!
High Surge Current Capability
!
Plastic Material has UL Flammability
R
K
Classification 94V-O
PIN1
2
3
                L
P
Mechanical Data
N
!
Case: TO-3P, Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-750, Method 2026
A
!
Polarity: See Diagram
B
!
Weight: 5.6 grams (approx.)
!
Mounting Position: Any
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
C
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 -
+
G
D
PIN 3 -
Case, PIN 2
E
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
S20D
30C
S20D
35C
S20D
40C
S20D
45C
S20D
50C
S20D
60C
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
25
28
32
35
42
V
Average Rectified Output Current
@TC = 100°C
IO
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
250
A
Forward Voltage
@IF = 10A
VFM
0.55
0.65
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
1.0
50
mA
Typical Junction Capacitance (Note 1)
Cj
1100
pF
Typical Thermal Resistance Junction to Case (Note 2)
RJC
1.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case mounted on heatsink.
WTE
POWER SEMICONDUCTORS
TO-3P
Dim
Min
Max
A
3.20
3.50
B
4.70
5.30
C
23.00
D
19.00
E
2.80
3.20
G
0.45
0.85
H
16.20
J
1.70
2.70
K
3.15 Ø
3.65 Ø
L
—4.50
M
5.25
5.65
N
1.10
1.40
P
—2.50
R
11.70
12.70
S
5.00
6.00
All Dimensions in mm


Número de pieza similar - S20D30C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
S20D30 MOSPEC-S20D30 Datasheet
328Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
logo
Chenmko Enterprise Co. ...
S20D30PT CHENMKO-S20D30PT Datasheet
88Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - S20D30C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SB2020CT WTE-SB2020CT_06 Datasheet
49Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SB2020CT LUGUANG-SB2020CT Datasheet
163Kb / 2P
   20A Dual Schottky Barrier Rectifier
logo
Won-Top Electronics
SB2020FCT WTE-SB2020FCT_06 Datasheet
50Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
DIYI Electronic Technol...
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
   20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com