Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S71PL129JC0 Datasheet(PDF) 59 Page - SPANSION

No. de pieza S71PL129JC0
Descripción Electrónicos  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 59 Page - SPANSION

Back Button S71PL129JC0_06 Datasheet HTML 55Page - SPANSION S71PL129JC0_06 Datasheet HTML 56Page - SPANSION S71PL129JC0_06 Datasheet HTML 57Page - SPANSION S71PL129JC0_06 Datasheet HTML 58Page - SPANSION S71PL129JC0_06 Datasheet HTML 59Page - SPANSION S71PL129JC0_06 Datasheet HTML 60Page - SPANSION S71PL129JC0_06 Datasheet HTML 61Page - SPANSION S71PL129JC0_06 Datasheet HTML 62Page - SPANSION S71PL129JC0_06 Datasheet HTML 63Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 153 page
background image
October 28, 2005 S71PL129Jxx_00_A8
S71PL129JC0/S71PL129JB0/S71PL129JA0
57
Advance
Informatio n
During the Embedded Erase algorithm, Data# Polling produces a “0” on DQ7.
When the Embedded Erase algorithm is complete, or if the bank enters the Erase
Suspend mode, Data# Polling produces a “1” on DQ7. The system must provide
an address within any of the sectors selected for erasure to read valid status in-
formation on DQ7.
After an erase command sequence is written, if all sectors selected for erasing
are protected, Data# Polling on DQ7 is active for approximately 400 µs, then the
bank returns to the read mode. If not all selected sectors are protected, the Em-
bedded Erase algorithm erases the unprotected sectors, and ignores the selected
sectors that are protected. However, if the system reads DQ7 at an address within
a protected sector, the status may not be valid.
When the system detects DQ7 has changed from the complement to true data,
it can read valid data at DQ15–DQ0 on the following read cycles. Just prior to the
completion of an Embedded Program or Erase operation, DQ7 may change asyn-
chronously with DQ15–DQ0 while Output Enable (OE#) is asserted low. That is,
the device may change from providing status information to valid data on DQ7.
Depending on when the system samples the DQ7 output, it may read the status
or valid data. Even if the device has completed the program or erase operation
and DQ7 has valid data, the data outputs on DQ15–DQ0 may be still invalid. Valid
data on DQ15–DQ0 appears on successive read cycles.
Table 14 shows the outputs for Data# Polling on DQ7. 6 shows the Data# Polling
algorithm. Figure 18 in AC Characteristics shows the Data# Polling timing
diagram.


Número de pieza similar - S71PL129JC0_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S71PL129JC0BAI9B0 SPANSION-S71PL129JC0BAI9B0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JC0BAI9B2 SPANSION-S71PL129JC0BAI9B2 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JC0BAI9B3 SPANSION-S71PL129JC0BAI9B3 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JC0BAI9P0 SPANSION-S71PL129JC0BAI9P0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JC0BAI9P2 SPANSION-S71PL129JC0BAI9P2 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
More results

Descripción similar - S71PL129JC0_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eon Silicon Solution In...
EN71NS128B0 EON-EN71NS128B0_11 Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
EN71NS128C0 EON-EN71NS128C0 Datasheet
250Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
EN71PL032A0 EON-EN71PL032A0_1 Datasheet
424Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
logo
SPANSION
S71WS512NE0BFWZZ SPANSION-S71WS512NE0BFWZZ Datasheet
2Mb / 142P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM CMOS 1.8 Volt
logo
ATMEL Corporation
AT49SN12804 ATMEL-AT49SN12804 Datasheet
397Kb / 41P
   128-megabit (8M x 16) Burst/Page Mode 1.8-volt Flash Memory
logo
Eon Silicon Solution In...
EN71NS032A0 EON-EN71NS032A0 Datasheet
286Kb / 10P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN71GL064B0 EON-EN71GL064B0 Datasheet
332Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 64 Megabit (4M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com