Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA180CA-T8 Datasheet(PDF) 4 Page - Won-Top Electronics |
|
SA180CA-T8 Datasheet(HTML) 4 Page - Won-Top Electronics |
4 / 5 page SA180 – SA220CA 4 of 5 © 2006 Won-Top Electronics MARKING INFORMATION TAPING SPECIFICATIONS PACKAGING INFORMATION Packaging Reel Diameter / Box Size (mm) Quantity (PCS) Carton Size (mm) Quantity (PCS) Approx. Gross Weight (KG) TAPE & REEL 330 4,000 370 x 370 x 420 20,000 12.0 TAPE & BOX 255 x 75 x 150 3,000 400 x 273 x 415 30,000 15.0 BULK 200 x 85 x 25 1,000 459 x 214 x 256 40,000 17.5 Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E. TAPE & REEL SAx x WTE 0.8mm MAX 5mm 1.2mm MAX 0.8mm MAX 6mm 52.4mm Cathode Tape: Red Anode Tape: White 330mm Product ID Label Inspection Hole (both ends) 80±5mm TAPE & BOX 255mm Product ID Label 150mm 75mm BULK 200mm 85mm 25mm Cathode = Polarity Band Except = Bi-Directional Types SAxx = Device Number WTE = Manufacturer’s Logo |
Número de pieza similar - SA180CA-T8 |
|
Descripción similar - SA180CA-T8 |