Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA20 Datasheet(PDF) 1 Page - Won-Top Electronics

No. de pieza SA20
Descripción Electrónicos  500W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

SA20 Datasheet(HTML) 1 Page - Won-Top Electronics

  SA20 Datasheet HTML 1Page - Won-Top Electronics SA20 Datasheet HTML 2Page - Won-Top Electronics SA20 Datasheet HTML 3Page - Won-Top Electronics SA20 Datasheet HTML 4Page - Won-Top Electronics SA20 Datasheet HTML 5Page - Won-Top Electronics SA20 Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SA5.0 – SA170CA
1 of 6
© 2006 Won-Top Electronics
Pb
SA5.0 – SA170CA
500W TRANSIENT VOLTAGE SUPPRESSOR
Features
!
Glass Passivated Die Construction
!
500W Peak Pulse Power Dissipation
!
5.0V – 170V Standoff Voltage
A
B
A
!
Uni- and Bi-Directional Versions Available
!
Excellent Clamping Capability
!
Fast Response Time
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
                            D
Mechanical Data
!
Case: DO-15, Molded Plastic
!
Terminals: Axial Leads, Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band Except Bi-Directional
!
Marking: Type Number
!
Weight: 0.40 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 6
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
500 Minimum
W
Peak Forward Surge Current (Note 3)
IFSM
70
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
1.0
W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Note: 1. Non-repetitive current pulse per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 40mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C.
5. Peak pulse power waveform is 10/1000µS.
WTE
POWER SEMICONDUCTORS
DO-15
Dim
Min
Max
A
25.4
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Número de pieza similar - SA20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SA20 PANJIT-SA20 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA20 CHONGQING-SA20 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
SA20 DAESAN-SA20 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Shenzhen Luguang Electr...
SA20 LUGUANG-SA20 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA20 WTE-SA20 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Descripción similar - SA20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com