Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA190A-T8 Datasheet(PDF) 5 Page - Won-Top Electronics

No. de pieza SA190A-T8
Descripción Electrónicos  500W TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

SA190A-T8 Datasheet(HTML) 5 Page - Won-Top Electronics

  SA190A-T8 Datasheet HTML 1Page - Won-Top Electronics SA190A-T8 Datasheet HTML 2Page - Won-Top Electronics SA190A-T8 Datasheet HTML 3Page - Won-Top Electronics SA190A-T8 Datasheet HTML 4Page - Won-Top Electronics SA190A-T8 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SA180 – SA220CA
5 of 5
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SAxx-T3
DO-15
4000/Tape & Reel
SAxx-TB
DO-15
3000/Tape & Box
SAxx
DO-15
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version, add “-LF” suffix to part number above.
For example, SA180-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Número de pieza similar - SA190A-T8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
SA190A-HF COMCHIP-SA190A-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
More results

Descripción similar - SA190A-T8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com