Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB2580FCT Datasheet(PDF) 1 Page - Won-Top Electronics

No. de pieza SB2580FCT
Descripción Electrónicos  25A DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB2580FCT Datasheet(HTML) 1 Page - Won-Top Electronics

  SB2580FCT Datasheet HTML 1Page - Won-Top Electronics SB2580FCT Datasheet HTML 2Page - Won-Top Electronics SB2580FCT Datasheet HTML 3Page - Won-Top Electronics SB2580FCT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB2520FCT – SB25100FCT
1 of 4
© 2006 Won-Top Electronics
Pb
SB2520FCT – SB25100FCT
25A DUAL SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
B
!
Guard Ring for Transient Protection
!
Low Forward Voltage Drop
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
3
                D
Mechanical Data
F
E
!
Case: ITO-220, Full Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
!
Mounting Position: Any
H
L
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 -
+
J
PIN 3 -
PIN 2
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
2520FCT
SB
2530FCT
SB
2540FCT
SB
2545FCT
SB
2550FCT
SB
2560FCT
SB
2580FCT
SB
25100FCT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
45
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
32
35
42
56
70
V
Average Rectified Output Current @TC = 95°C
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
200
A
Forward Voltage
@IF = 12.5A
VFM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
100
mA
Typical Junction Capacitance (Note 1)
Cj
1100
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
ITO-220
Dim
Min
Max
A
14.60
15.40
B
9.70
10.30
C
2.55
2.85
D
3.56
4.16
E
13.00
13.80
F
0.30
0.90
G
3.00 Ø
3.50 Ø
H
6.30
6.90
I
4.20
4.80
J
2.50
2.90
K
0.36
0.80
L
2.90
3.30
P
2.29
2.79
All Dimensions in mm


Número de pieza similar - SB2580FCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB2580FCT PANJIT-SB2580FCT Datasheet
46Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere)
logo
Won-Top Electronics
SB2580FCT WTE-SB2580FCT Datasheet
40Kb / 3P
   25A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB2580FCT PANJIT-SB2580FCT Datasheet
45Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB2580FCT PACELEADER-SB2580FCT Datasheet
267Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - SB2580FCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SB2520CT WTE-SB2520CT_06 Datasheet
51Kb / 4P
   25A DUAL SCHOTTKY BARRIER RECTIFIER
SB2520CT WTE-SB2520CT Datasheet
39Kb / 3P
   25A SCHOTTKY BARRIER RECTIFIER
SB2520FCT WTE-SB2520FCT Datasheet
40Kb / 3P
   25A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Digitron Semiconductors
MBR2535CTL DIGITRON-MBR2535CTL Datasheet
445Kb / 2P
   25A SCHOTTKY RECTIFIER
MUR2505 DIGITRON-MUR2505 Datasheet
122Kb / 3P
   25A SCHOTTKY RECTIFIER
logo
Zibo Seno Electronic En...
25SQ030 ZSELEC-25SQ030 Datasheet
89Kb / 2P
   25A SCHOTTKY BARRIER DIODE
logo
Vishay Siliconix
SBLF1640CT VISHAY-SBLF1640CT Datasheet
44Kb / 3P
   Dual Schottky Barrier Rectifier
11-Feb-02
MBR1535CT VISHAY-MBR1535CT Datasheet
55Kb / 3P
   Dual Schottky Barrier Rectifier
01-Jul-02
MBR20HXX VISHAY-MBR20HXX Datasheet
85Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
MBR40H60PT VISHAY-MBR40H60PT Datasheet
34Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com