Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2302DS Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza SI2302DS
Descripción Electrónicos  N-channel enhancement mode field-effect transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI2302DS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SI2302DS Datasheet HTML 4Page - NXP Semiconductors SI2302DS Datasheet HTML 5Page - NXP Semiconductors SI2302DS Datasheet HTML 6Page - NXP Semiconductors SI2302DS Datasheet HTML 7Page - NXP Semiconductors SI2302DS Datasheet HTML 8Page - NXP Semiconductors SI2302DS Datasheet HTML 9Page - NXP Semiconductors SI2302DS Datasheet HTML 10Page - NXP Semiconductors SI2302DS Datasheet HTML 11Page - NXP Semiconductors SI2302DS Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
SI2302DS
N-channel enhancement mode field-effect transistor
Product data
Rev. 02 — 20 November 2001
8 of 12
9397 750 09107
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °C and 150 °C; VGS =0V
ID = 3.6 A; VDD =10V
Fig 12. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values.
Fig 13. Gate-source voltage as a function of gate
charge; typical values.
03ae97
0
2
4
6
8
10
0
0.4
0.8
1.2
VSD (V)
IS
(A)
Tj = 25 ºC
150 ºC
VGS = 0 V
03ae99
0
1
2
3
4
5
0123456
QG (nC)
VGS
(V)
ID = 3.6 A
Tj = 25 ºC
VDD = 10 V


Número de pieza similar - SI2302DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
SI2302DS KEXIN-SI2302DS Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
Nexperia B.V. All right...
SI2302DS NEXPERIA-SI2302DS Datasheet
361Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 02 - 20 November 2001
logo
Guangdong Kexin Industr...
SI2302DS-3 KEXIN-SI2302DS-3 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
SI2302DS-HF KEXIN-SI2302DS-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
SI2302DS-HF-3 KEXIN-SI2302DS-HF-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Descripción similar - SI2302DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com