Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS75105YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS75105YFFR
Descripción Electrónicos  Low Dropout, Two-Bank LED Driver with PWM Brightness Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS75105YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS75105YFFR Datasheet HTML 3Page - Texas Instruments TPS75105YFFR Datasheet HTML 4Page - Texas Instruments TPS75105YFFR Datasheet HTML 5Page - Texas Instruments TPS75105YFFR Datasheet HTML 6Page - Texas Instruments TPS75105YFFR Datasheet HTML 7Page - Texas Instruments TPS75105YFFR Datasheet HTML 8Page - Texas Instruments TPS75105YFFR Datasheet HTML 9Page - Texas Instruments TPS75105YFFR Datasheet HTML 10Page - Texas Instruments TPS75105YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.5mA/div
1V/div
I
OUT
V
IN
20 s/div
m
3.6V
3.9V
30
0
100
10
20
40
DutyCycle(%)
25
20
15
10
5
0
50
60
70
80
90
20mA/div
1V/div
I
OUT
ENA=ENB
20 s/div
m
1.2V
0.4V
0.5mA/div
1V/div
I
OUT
V
IN
20 s/div
m
3.3V
3.6V
20mA/div
1V/div
I
OUT
ENB
20 s/div
m
1.2V
ENA=3.8V
0.4V
0.06
0
0.20
0.02 0.04
0.08
V
V
-
(V)
IN
OUT
25
20
15
10
5
0
0.10 0.12 0.14 0.16 0.18
+85 C
°
+25 C
°
-
°
40 C
TPS7510x
SBVS080C – SEPTEMBER 2006 – REVISED MARCH 2007
Over operating junction temperature range (T
J = –40°C to +85°C), VIN = 3.8V, DxA and DxB = 3.3V, RSET = 32.4kΩ, and ENA
and ENB = high, unless otherwise noted. Typical values are at T
A = +25°C.
LED CURRENT vs DUTY CYCLE (f = 300Hz)
LINE TRANSIENT (600mV Pulse)
Figure 1.
Figure 2.
LINE TRANSIENT (300mV Pulse)
DIMMING RESPONSE (Both Channels)
Figure 3.
Figure 4.
DIMMING RESPONSE (Single Channel)
OUTPUT CURRENT vs HEADROOM VOLTAGE
Figure 5.
Figure 6.
7
Submit Documentation Feedback


Número de pieza similar - TPS75105YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75105YFFR TI-TPS75105YFFR Datasheet
470Kb / 16P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFR TI1-TPS75105YFFR Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFR TI1-TPS75105YFFR Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFR TI1-TPS75105YFFR Datasheet
1Mb / 27P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver With PWM Brightness Control
More results

Descripción similar - TPS75105YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7510X TI-TPS7510X_08 Datasheet
470Kb / 16P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75100 TI1-TPS75100 Datasheet
1Mb / 27P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver With PWM Brightness Control
TPS75103 TI1-TPS75103 Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS7510X TI1-TPS7510X_16 Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
LP5524 TI1-LP5524_16 Datasheet
840Kb / 19P
[Old version datasheet]   LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com