Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2111IRGZR Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TSC2111IRGZR
Descripción Electrónicos  AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSC2111IRGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2111IRGZR Datasheet HTML 6Page - Texas Instruments TSC2111IRGZR Datasheet HTML 7Page - Texas Instruments TSC2111IRGZR Datasheet HTML 8Page - Texas Instruments TSC2111IRGZR Datasheet HTML 9Page - Texas Instruments TSC2111IRGZR Datasheet HTML 10Page - Texas Instruments TSC2111IRGZR Datasheet HTML 11Page - Texas Instruments TSC2111IRGZR Datasheet HTML 12Page - Texas Instruments TSC2111IRGZR Datasheet HTML 13Page - Texas Instruments TSC2111IRGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
TSC2111
SLAS495− JUNE 2006
www.ti.com
10
FUNCTIONAL BLOCK DIAGRAM
Σ−∆
Σ−∆
Touch
Panel
Drivers
Battery
Monitor
SAR
ADC
Internal
Reference
−1
−1
Sidetone
DAC
ADC
AGC
Vol Ctl
Vol Ctl
Digital
Audio
Processing
and Serial
Interface
Touch
Screen
Processing
and SPI
Interface
PLL
Headset
detect and
Button
detect
X−
Y+
Y−
X+
VBAT
VREF
MICBIAS_HED
MICBIAS_HND
2.0/2.5/3.3
2.0/2.5
AUX1
MICIN_HED
MICIN_HND
CP_INP
BUZZ_IN/CP_INN
OUT8P
OUT8N
CP_OUTP
OUT32N
SPK1
SPK2
To Detection block
SPKFC
VGND/
1.5V
SCLK
SS
MOSI
MISO
PINTDAV
RESET
MCLK
PWR_DN
SDOUT
WCLK
SDIN
BCLK
0 to 59.5dB
(0.5dB steps)
0 to 59.5dB
(0.5dB steps)
12 to −34.5dB
(0.5dB steps)
0 to −45dB
(3dB steps)
12 to −34.5dB
(0.5dB steps)
MIC_DETECT_IN
To Detection
block
GPIO1
GPIO2
AVDD1
AVDD2
DRVDD
BVDD
DVDD
IOVDD
AVSS2
DRVSS1 DRVSS2
DVSS
AVSS1
To ADC and DAC
0 to −63.5dB
(0.5dB steps)
0 to −63.5dB
(0.5dB steps)
AUX2
Temperature
Measurement
OSC
Σ
Σ
Σ
Σ
Σ
Σ−∆
DAC
GPIO
Interface
−1
CP_OUTN


Número de pieza similar - TSC2111IRGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TSC211 STMICROELECTRONICS-TSC211 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
TSC2117 TI-TSC2117 Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZR TI-TSC2117IRGZR Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZT TI-TSC2117IRGZT Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
logo
STMicroelectronics
TSC211ICT STMICROELECTRONICS-TSC211ICT Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
More results

Descripción similar - TSC2111IRGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com