Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA11CA-T8 Datasheet(PDF) 2 Page - Won-Top Electronics |
|
SA11CA-T8 Datasheet(HTML) 2 Page - Won-Top Electronics |
2 / 6 page SA5.0 – SA170CA 2 of 6 © 2006 Won-Top Electronics 10 X 1000 Waveform as defined by REA 0 25 50 75 100 125 150 175 200 100 75 50 25 0 T , AMBIENT TEMPERATURE (°C) Fig. 4 Pulse Derating Curve A L = 9.5 mm 40x40x1mmCu 0 25 50 75 100 125 150 175 200 0 0.25 0.50 0.75 1.00 T , LEAD TEMPERATURE (°C) Fig. 5, Steady State Power Derating L Single Phase Half-Wave 60Hz Resistive or Inductive Load 0.1 1.0 T , PULSE WIDTH (µs) Fig. 3 Pulse Rating Curve p 0.1 10 100 1.0 10 100 1000 10000 IMPULSE T = 25°C C 01 2 3 100 50 0 t = 10ms r Peak Value I pp Half Value I /2 pp 10 X 1000 Waveform as defined by R.E.A. t p t, TIME (ms) Fig. 1 Pulse Waveform 1 10 100 1000 10 100 1000 10,000 V , REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Junction Capacitance RWM Measured at Stand-off Voltage Measured at Zero Bias T = 25°C j f = 1.0 MHz V = 50mV p-p sig |
Número de pieza similar - SA11CA-T8 |
|
Descripción similar - SA11CA-T8 |