Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E516RD2-40-C-TQJE Datasheet(PDF) 70 Page - Silicon Storage Technology, Inc

No. de pieza SST89E516RD2-40-C-TQJE
Descripción Electrónicos  FlashFlex MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E516RD2-40-C-TQJE Datasheet(HTML) 70 Page - Silicon Storage Technology, Inc

Back Button SST89E516RD2-40-C-TQJE Datasheet HTML 66Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-TQJE Datasheet HTML 67Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-TQJE Datasheet HTML 68Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-TQJE Datasheet HTML 69Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-TQJE Datasheet HTML 70Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-TQJE Datasheet HTML 71Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-TQJE Datasheet HTML 72Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-TQJE Datasheet HTML 73Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-TQJE Datasheet HTML 74Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
70
Data Sheet
FlashFlex MCU
SST89E516RD2 / SST89E516RD
SST89V516RD2 / SST89V516RD
©2007 Silicon Storage Technology, Inc.
S71273-03-000
1/07
14.2 AC Electrical Characteristics
AC Characteristics: (Over Operating Conditions: Load Capacitance for Port 0, ALE#, and PSEN# = 100pF;
Load Capacitance for All Other Outputs = 80pF)
TABLE
14-8: AC Electrical Characteristics (1 of 2)
TA = -40°C to +85°C, VDD = 2.7-3.6V@33MHz, 4.5-5.5V@40MHz, VSS = 0V
Symbol
Parameter
Oscillator
Units
33 MHz (x1 Mode)
16 MHz (x2 Mode)1
40 MHz (x1 Mode)
20 MHz (x2 Mode)1
Variable
Min
Max
Min
Max
Min
Max
1/TCLCL
x1 Mode Oscillator Frequency
0
33040
0
40
MHz
1/2TCLCL x2 Mode Oscillator Frequency
0
16020
0
20
MHz
TLHLL
ALE Pulse Width
46
35
2TCLCL - 15
ns
TAVLL
Address Valid to ALE Low
5TCLCL - 25 (3V)
ns
10
TCLCL - 15 (5V)
ns
TLLAX
Address Hold After ALE Low
5TCLCL - 25 (3V)
ns
10
TCLCL - 15 (5V)
ns
TLLIV
ALE Low to Valid Instr In
56
4TCLCL - 65 (3V)
ns
55
4TCLCL - 45 (5V)
ns
TLLPL
ALE Low to PSEN# Low
5TCLCL - 25 (3V)
ns
10
TCLCL - 15 (5V)
ns
TPLPH
PSEN# Pulse Width
66
60
3TCLCL - 25 (3V)
3TCLCL - 15 (5V)
ns
TPLIV
PSEN# Low to Valid Instr In
35
3TCLCL - 55 (3V)
ns
25
3TCLCL - 50 (5V)
ns
TPXIX
Input Instr Hold After PSEN#
0ns
TPXIZ
Input Instr Float After PSEN#
25
TCLCL - 5 (3V)
ns
10
TCLCL - 15 (5V)
ns
TPXAV
PSEN# to Address valid
22
17
TCLCL - 8
ns
TAVIV
Address to Valid Instr In
72
5TCLCL - 80 (3V)
ns
65
5TCLCL - 60 (5V)
ns
TPLAZ
PSEN# Low to Address Float
10
10
10
ns
TRLRH
RD# Pulse Width
142
120
6TCLCL - 40 (3V)
6TCLCL - 30 (5V)
ns
TWLWH
Write Pulse Width (WE#)
142
120
6TCLCL - 40 (3V)
6TCLCL - 30 (5V)
ns
TRLDV
RD# Low to Valid Data In
62
5TCLCL - 90 (3V)
ns
75
5TCLCL - 50 (5V)
ns
TRHDX
Data Hold After RD#
00
0
ns
TRHDZ
Data Float After RD#
36
2TCLCL - 25 (3V)
ns
38
2TCLCL - 12 (5V)
ns
TLLDV
ALE Low to Valid Data In
152
8TCLCL - 90 (3V)
ns
150
8TCLCL - 50 (5V)
ns
TAVDV
Address to Valid Data In
183
9TCLCL - 90 (3V)
ns
150
9TCLCL - 75 (5V)
ns
TLLWL
ALE Low to RD# or WR# Low
66
116
60
90
3TCLCL - 25 (3V)
3TCLCL - 15 (5V)
3TCLCL + 25 (3V)
3TCLCL + 15 (5V)
ns
TAVWL
Address to RD# or WR# Low
46
4TCLCL - 75 (3V)
ns
70
4TCLCL - 30 (5V)
ns


Número de pieza similar - SST89E516RD2-40-C-TQJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E516RD2-40-C-TQJ SST-SST89E516RD2-40-C-TQJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
More results

Descripción similar - SST89E516RD2-40-C-TQJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD_07 Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E52RC SST-SST89E52RC Datasheet
653Kb / 57P
   FlashFlex MCU
logo
Microchip Technology
SST89E516RD2 MICROCHIP-SST89E516RD2_13 Datasheet
762Kb / 94P
   FlashFlex MCU
02/13
logo
Silicon Storage Technol...
SST89E54RD2A SST-SST89E54RD2A_13 Datasheet
756Kb / 91P
   FlashFlex MCU
SST89E54RD SST-SST89E54RD Datasheet
934Kb / 81P
   FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A Datasheet
1Mb / 84P
   FlashFlex MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com