Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554RC-40-I-PI Datasheet(PDF) 77 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554RC-40-I-PI
Descripción Electrónicos  FlashFlex MCU
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554RC-40-I-PI Datasheet(HTML) 77 Page - Silicon Storage Technology, Inc

Back Button SST89E554RC-40-I-PI Datasheet HTML 73Page - Silicon Storage Technology, Inc SST89E554RC-40-I-PI Datasheet HTML 74Page - Silicon Storage Technology, Inc SST89E554RC-40-I-PI Datasheet HTML 75Page - Silicon Storage Technology, Inc SST89E554RC-40-I-PI Datasheet HTML 76Page - Silicon Storage Technology, Inc SST89E554RC-40-I-PI Datasheet HTML 77Page - Silicon Storage Technology, Inc SST89E554RC-40-I-PI Datasheet HTML 78Page - Silicon Storage Technology, Inc SST89E554RC-40-I-PI Datasheet HTML 79Page - Silicon Storage Technology, Inc SST89E554RC-40-I-PI Datasheet HTML 80Page - Silicon Storage Technology, Inc SST89E554RC-40-I-PI Datasheet HTML 81Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
EOL Data Sheet
FlashFlex MCU
SST89E564RD / SST89V564RD
SST89E554RC / SST89V554RC
77
©2007 Silicon Storage Technology, Inc.
S71207-08-EOL
1/07
FIGURE
13-7: SHIFT REGISTER MODE TIMING WAVEFORMS
FIGURE
13-8: AC TESTING INPUT/OUTPUT TEST
WAVEFORM
FIGURE
13-9: FLOAT WAVEFORM
TABLE 13-10: SERIAL PORT TIMING
Symbol
Parameter
Oscillator
Units
12MHz
40MHz
Variable
Min
Max
Min
Max
Min
Max
TXLXL
Serial Port Clock Cycle Time
1.0
0.3
12TCLCL
µs
TQVXH
Output Data Setup to Clock Rising Edge
700
117
10TCLCL - 133
ns
TXHQX
Output Data Hold After Clock Rising Edge
50
2TCLCL - 117
ns
02TCLCL - 50
ns
TXHDX
Input Data Hold After Clock Rising Edge
0
0
0
ns
TXHDV
Clock Rising Edge to Input Data Valid
700
117
10TCLCL - 133
ns
T13-10.2 1207
1207 F31.1
ALE
0
INSTRUCTION
CLOCK
OUTPUT DATA
WRITE TO SBUF
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
INPUT DATA
CLEAR RI
01
2
3
4
5
6
7
TXLXL
TQVXH
TXHQX
TXHDV
TXHDX
SET TI
SET R I
1
2
3
4
5
6
7
8
VLT
AC Inputs during testing are driven at VIHT (VDD -0.5V) for Logic "1" and
VILT (0.45V) for a Logic "0". Measurement reference points for inputs and
outputs are at VHT (0.2VDD + 0.9) and VLT (0.2VDD - 0.1)
VHT
VIHT
VILT
1207 F26a.0
Note: VHT- VHIGH Test
VLT- VLOW Test
VIHT-VINPUT HIGH Test
VILT- VINPUT LOW Test
For timing purposes, a port pin is no longer floating when a 100 mV
change from load voltage occurs, and begins to float when a 100 mV
change from the loaded VOH/VOL level occurs. IOL/IOH = ± 20mA.
VLOAD +0.1V
VLOAD -0.1V
VOH -0.1V
Timing Reference
Points
VOL +0.1V
VLOAD
1207 F26b.0


Número de pieza similar - SST89E554RC-40-I-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC-40-I-PI SST-SST89E554RC-40-I-PI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-40-I-PI SST-SST89E554RC-40-I-PI Datasheet
1Mb / 86P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554RC-40-I-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E516RD2 SST-SST89E516RD2_07 Datasheet
831Kb / 81P
   FlashFlex MCU
SST89E52RC SST-SST89E52RC Datasheet
653Kb / 57P
   FlashFlex MCU
logo
Microchip Technology
SST89E516RD2 MICROCHIP-SST89E516RD2_13 Datasheet
762Kb / 94P
   FlashFlex MCU
02/13
logo
Silicon Storage Technol...
SST89E54RD2A SST-SST89E54RD2A_13 Datasheet
756Kb / 91P
   FlashFlex MCU
SST89E54RD SST-SST89E54RD Datasheet
934Kb / 81P
   FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A Datasheet
1Mb / 84P
   FlashFlex MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com