Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E516RD2-40-I-TQJE Datasheet(PDF) 18 Page - Silicon Storage Technology, Inc

No. de pieza SST89E516RD2-40-I-TQJE
Descripción Electrónicos  FlashFlex MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E516RD2-40-I-TQJE Datasheet(HTML) 18 Page - Silicon Storage Technology, Inc

Back Button SST89E516RD2-40-I-TQJE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJE Datasheet HTML 15Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJE Datasheet HTML 16Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJE Datasheet HTML 17Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJE Datasheet HTML 18Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJE Datasheet HTML 19Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJE Datasheet HTML 20Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJE Datasheet HTML 21Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJE Datasheet HTML 22Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
18
Data Sheet
FlashFlex MCU
SST89E516RD2 / SST89E516RD
SST89V516RD2 / SST89V516RD
©2007 Silicon Storage Technology, Inc.
S71273-03-000
1/07
TABLE
3-7: Watchdog Timer SFRs
Symbol
Description
Direct
Address
Bit Address, Symbol, or Alternative Port Function
Reset
Value
MSB
LSB
WDTC1
Watchdog Timer
Control
C0H
-
-
-
WDOUT
WDRE
WDTS
WDT
SWDT
xxx00x00b
WDTD
Watchdog Timer
Data/Reload
85H
Watchdog Timer Data/Reload
00H
T3-7.0 1273
1. Bit Addressable SFRs
TABLE
3-8: Timer/Counters SFRs
Symbol
Description
Direct
Address
Bit Address, Symbol, or Alternative Port Function
Reset
Value
MSB
LSB
TMOD
Timer/Counter
Mode Control
89H
Timer 1
Timer 0
00H
GATE
C/T#
M1
M0
GATE
C/T#
M1
M0
TCON1
1. Bit Addressable SFRs
Timer/Counter
Control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
TH0
Timer 0 MSB
8CH
TH0[7:0]
00H
TL0
Timer 0 LSB
8AH
TL0[7:0]
00H
TH1
Timer 1 MSB
8DH
TH1[7:0]
00H
TL1
Timer 1 LSB
8BH
TL1[7:0]
00H
T2CON1
Timer / Counter 2
Control
C8H
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
00H
T2MOD
Timer2
Mode Control
C9H
----
-
-
T2OE
DCEN
xxxxxx00b
TH2
Timer 2 MSB
CDH
TH2[7:0]
00H
TL2
Timer 2 LSB
CCH
TL2[7:0]
00H
RCAP2H Timer 2
Capture MSB
CBH
RCAP2H[7:0]
00H
RCAP2L Timer 2
Capture LSB
CAH
RCAP2L[7:0]
00H
T3-8.0 1273


Número de pieza similar - SST89E516RD2-40-I-TQJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E516RD2-40-I-TQJ SST-SST89E516RD2-40-I-TQJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
More results

Descripción similar - SST89E516RD2-40-I-TQJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD_07 Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E52RC SST-SST89E52RC Datasheet
653Kb / 57P
   FlashFlex MCU
logo
Microchip Technology
SST89E516RD2 MICROCHIP-SST89E516RD2_13 Datasheet
762Kb / 94P
   FlashFlex MCU
02/13
logo
Silicon Storage Technol...
SST89E54RD2A SST-SST89E54RD2A_13 Datasheet
756Kb / 91P
   FlashFlex MCU
SST89E54RD SST-SST89E54RD Datasheet
934Kb / 81P
   FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A Datasheet
1Mb / 84P
   FlashFlex MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com