Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-I-NJE Datasheet(PDF) 77 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-I-NJE
Descripción Electrónicos  FlashFlex MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-I-NJE Datasheet(HTML) 77 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-I-NJE Datasheet HTML 73Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJE Datasheet HTML 74Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJE Datasheet HTML 75Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJE Datasheet HTML 76Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJE Datasheet HTML 77Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJE Datasheet HTML 78Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJE Datasheet HTML 79Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJE Datasheet HTML 80Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJE Datasheet HTML 81Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
Data Sheet
FlashFlex MCU
SST89E54RD2/RD / SST89E58RD2/RD
SST89V54RD2/RD / SST89V58RD2/RD
77
©2007 Silicon Storage Technology, Inc.
S71255-08-000
1/07
15.0 PRODUCT ORDERING INFORMATION
Device
Speed
Suffix1
Suffix2
SST89x5xRDx -XX
-X
-X X X
Package Attribute
E1 = non-Pb
F2 = non-Pb, non-Sn
Package Modifier
I = 40 pins
J = 44 pins
Package Type
P = PDIP
N = PLCC
Q = WQFN
TQ = TQFP
Operation Temperature
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Operating Frequency
33 = 0-33MHz
40 = 0-40MHz
Feature Attribute
2 = Port 4 present
Feature Set and Flash Memory Size
54RD = C52 feature set + 16(32) KByte
58RD = C52 feature set + 32(40) KByte
Note: Number in parenthesis includes an additional 8
KByte flash which can be enabled.
Voltage Range
E = 4.5-5.5V
V = 2.7-3.6V
Product Series
89 = C51 Core
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compliant”.
2. Environmental suffix “F” denotes non-Pb/non-SN solder.
SST non-Pb/non-Sn solder devices are “RoHS Compliant”.


Número de pieza similar - SST89E58RD2-40-I-NJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-I-NJE SST-SST89E58RD2-40-I-NJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-I-NJE1 SST-SST89E58RD2-40-I-NJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-40-I-NJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E516RD2 SST-SST89E516RD2_07 Datasheet
831Kb / 81P
   FlashFlex MCU
SST89E564RD SST-SST89E564RD_07 Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E52RC SST-SST89E52RC Datasheet
653Kb / 57P
   FlashFlex MCU
logo
Microchip Technology
SST89E516RD2 MICROCHIP-SST89E516RD2_13 Datasheet
762Kb / 94P
   FlashFlex MCU
02/13
logo
Silicon Storage Technol...
SST89E54RD2A SST-SST89E54RD2A_13 Datasheet
756Kb / 91P
   FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A Datasheet
1Mb / 84P
   FlashFlex MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com