Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V58RD2-33-C-NJE Datasheet(PDF) 38 Page - Silicon Storage Technology, Inc

No. de pieza SST89V58RD2-33-C-NJE
Descripción Electrónicos  FlashFlex MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V58RD2-33-C-NJE Datasheet(HTML) 38 Page - Silicon Storage Technology, Inc

Back Button SST89V58RD2-33-C-NJE Datasheet HTML 34Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE Datasheet HTML 35Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE Datasheet HTML 36Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE Datasheet HTML 37Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE Datasheet HTML 39Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE Datasheet HTML 41Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE Datasheet HTML 42Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
38
Data Sheet
FlashFlex MCU
SST89E54RD2/RD / SST89E58RD2/RD
SST89V54RD2/RD / SST89V58RD2/RD
©2007 Silicon Storage Technology, Inc.
S71255-08-000
1/07
4.2.4.7 Prog-SC0, Prog-SC1
Prog-SC0 command is used to program the SC0 bit. This
command only changes the SC0 bit and has no effect on
BSEL bit until after a reset cycle.
SC0 bit previously in un-programmed state can be pro-
grammed by this command. The Prog-SC0 command
should reside only in Block 1 or external code memory.
Prog-SC1 command is used to program the SC1 bit. This
command only changes the SC1 bit and has no effect on
SFCF[1] bit until after a reset cycle.
SC1 bit previously in un-programmed state can be pro-
grammed by this command. The Prog-SC1 command
should reside only in Block 1 or external code memory.
FIGURE
4-7: Prog-SC0 and Prog-SC1
4.2.4.8 Enable-Clock-Double
Enable-Clock-Double command is used to make the MCU
run at 6 clocks per machine cycle. The standard (default) is
12 clocks per machine cycle (i.e. clock double command
disabled).
FIGURE
4-8: Enable-Clock-Double
4.2.5 Polling
A command that uses the polling method to detect flash
operation completion should poll on the FLASH_BUSY bit
(SFST[2]). When FLASH_BUSY de-asserts (logic 0), the
device is ready for the next operation.
MOVC instruction may also be used for verification of the
Programming and Erase operation of the flash memory.
MOVC instruction will fail if it is directed at a flash block that
is still busy.
4.2.6 Interrupt Termination
If interrupt termination is selected, (SFCM[7] is set), then
an interrupt (INT1) will be generated to indicate flash opera-
tion completion. Under this condition, the INT1 becomes an
internal interrupt source. The INT1# pin can now be used
as a general purpose port pin and it cannot be the source
of External Interrupt 1 during in-application programming.
In order to use an interrupt to signal flash operation termi-
nation. EX1 and EA bits of IE register must be set. The IT1
bit of TCON register must also be set for edge trigger
detection.
Program SC0 or SC1 -
Interrupt scheme
MOV SFCM, #89H
Program SC0 or SC1 -
Polling scheme
MOV SFCM, #09H
INT1# Interrupt
indicates completion
Polling SFST[2]
indicates completion
1255 F14.0
IAP Enable
ORL SFCF, #40H
Set-up Program SC1
MOV SFAH, #0AAH
MOV SFDT, #0AAH
Set-up Program SC0
MOV SFAH, #5AH
MOV SFDT, #0AAH
Program Enable-Clock-Double
Interrupt scheme
MOV SFCM, #88H
Program Enable-Clock-Double
Polling scheme
MOV SFCM, #08H
INT1# Interrupt
indicates completion
Polling SFST[2]
indicates completion
1255 F15.0
IAP Enable
ORL SFCF, #40H
Set-up Enable-Clock-Double
MOV SFAH, #55H
MOV SFDT, #0AAH


Número de pieza similar - SST89V58RD2-33-C-NJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V58RD2-33-C-NJE SST-SST89V58RD2-33-C-NJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V58RD2-33-C-NJE1 SST-SST89V58RD2-33-C-NJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V58RD2-33-C-NJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E516RD2 SST-SST89E516RD2_07 Datasheet
831Kb / 81P
   FlashFlex MCU
SST89E564RD SST-SST89E564RD_07 Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E52RC SST-SST89E52RC Datasheet
653Kb / 57P
   FlashFlex MCU
logo
Microchip Technology
SST89E516RD2 MICROCHIP-SST89E516RD2_13 Datasheet
762Kb / 94P
   FlashFlex MCU
02/13
logo
Silicon Storage Technol...
SST89E54RD2A SST-SST89E54RD2A_13 Datasheet
756Kb / 91P
   FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A Datasheet
1Mb / 84P
   FlashFlex MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com