Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1514A Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA1514A
Descripción Electrónicos  50 W high performance hi-fi amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1514A Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1514A Datasheet HTML 1Page - NXP Semiconductors TDA1514A Datasheet HTML 2Page - NXP Semiconductors TDA1514A Datasheet HTML 3Page - NXP Semiconductors TDA1514A Datasheet HTML 4Page - NXP Semiconductors TDA1514A Datasheet HTML 5Page - NXP Semiconductors TDA1514A Datasheet HTML 6Page - NXP Semiconductors TDA1514A Datasheet HTML 7Page - NXP Semiconductors TDA1514A Datasheet HTML 8Page - NXP Semiconductors TDA1514A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
May 1992
2
Philips Semiconductors
Product specification
50 W high performance hi-fi amplifier
TDA1514A
GENERAL DESCRIPTION
The TDA1514A integrated circuit is a hi-fi power amplifier for use as a building block in radio, tv and other audio
applications. The high performance of the IC meets the requirements of digital sources (e.g. Compact Disc equipment).
The circuit is totally protected, the two output transistors both having thermal and SOAR protection (see Fig.3). The circuit
also has a mute function that can be arranged for a period after power-on with a delay time fixed by external components.
The device is intended for symmetrical power supplies but an asymmetrical supply may also be used.
Features
• High output power
• Low harmonic distortion
• Low intermodulation distortion
• Low offset voltage
• Good ripple rejection
• Mute/stand-by facilities
• Thermal protection
• Protected against electrostatic discharge
• No switch-on or switch-off clicks
• Very low thermal resistance
• Safe Operating Area (SOAR) protection.
QUICK REFERENCE DATA
PACKAGE OUTLINE
9-lead SIL, plastic power (SOT131R); SOT131-2; 1996 July 19.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
(pin 6 to pin 4)
VP
± 10
−± 30
V
Total quiescent current
VP = ± 27.5 V
Itot
56
mA
Output power
THD =
−60 dB;
VP = ± 27.5 V;
RL = 8 Ω
Po
40
W
VP = ± 23 V;
RL = 4 Ω
Po
48
W
Closed loop voltage gain
determined
externally
Gc
30
dB
Input resistance
determined
externally
Ri
20
k
Signal plus noise-to-noise ratio
Po = 50 mW
(S
+N)/N
83
dB
Supply voltage ripple
rejection
f = 100 Hz
SVRR
64
dB


Número de pieza similar - TDA1514A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1510 PHILIPS-TDA1510 Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512A ETC-TDA1512A Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512AQ ETC-TDA1512AQ Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
More results

Descripción similar - TDA1514A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
   14 W hi-fi audio amplifier
logo
Bookly Micro electronic
BM-TDA1517 BOOKLY-BM-TDA1517 Datasheet
233Kb / 9P
   2x6 W Hi-fi stereo power amplifier
logo
NXP Semiconductors
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com