Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1593T Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA1593T
Descripción Electrónicos  IF amplifier/demodulator for FM car radio receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1593T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1593T Datasheet HTML 2Page - NXP Semiconductors TDA1593T Datasheet HTML 3Page - NXP Semiconductors TDA1593T Datasheet HTML 4Page - NXP Semiconductors TDA1593T Datasheet HTML 5Page - NXP Semiconductors TDA1593T Datasheet HTML 6Page - NXP Semiconductors TDA1593T Datasheet HTML 7Page - NXP Semiconductors TDA1593T Datasheet HTML 8Page - NXP Semiconductors TDA1593T Datasheet HTML 9Page - NXP Semiconductors TDA1593T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1996 Oct 10
6
Philips Semiconductors
Product specification
IF amplifier/demodulator for
FM car radio receivers
TDA1593
LIMITING VALUES
TDA1593T pinning
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 1)
−0.3
+13
V
Vn
voltage at pins 2, 4, 5, 6, 10, 11 and 16
−0.3
+10
V
voltage at pins 3, 8, 14, 15, 18, 19 and 20
−0.3
VP
V
V13
voltage on pin 13
6V
I14, 15
current at pins 14 and 15
2mA
Ptot
total power dissipation
360
mW
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Ves
electrostatic handling; note 1
all pins except pin 5
−2000
+2000
V
pin 5
−2000
+800
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SOT102-1
80
K/W
SOT163-1
90
K/W


Número de pieza similar - TDA1593T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1591T PHILIPS-TDA1591T Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1592T PHILIPS-TDA1592T Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

Descripción similar - TDA1593T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com