Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APTM10SKM02G Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza APTM10SKM02G
Descripción Electrónicos  Buck chopper MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM10SKM02G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM10SKM02G Datasheet HTML 1Page - Microsemi Corporation APTM10SKM02G Datasheet HTML 2Page - Microsemi Corporation APTM10SKM02G Datasheet HTML 3Page - Microsemi Corporation APTM10SKM02G Datasheet HTML 4Page - Microsemi Corporation APTM10SKM02G Datasheet HTML 5Page - Microsemi Corporation APTM10SKM02G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM10SKM02G
www.microsemi.com
1 - 6
Q1
S1
OUT
0/VBUS
CR2
VBUS
G1
OUT
G1
S1
0/VBUS
VBUS
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
100
V
Tc = 25°C
495
ID
Continuous Drain Current
Tc = 80°C
370
IDM
Pulsed Drain current
1900
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
2.5
m
PD
Maximum Power Dissipation
Tc = 25°C
1250
W
IAR
Avalanche current (repetitive and non repetitive)
100
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 100V
RDSon = 2.25mΩ typ @ Tj = 25°C
ID = 495A @ Tc = 25°C
Application
AC and DC motor control
Switched Mode Power Supplies
Features
Power MOS V® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Low profile
RoHS Compliant
Buck chopper
MOSFET Power Module


Número de pieza similar - APTM10SKM02G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Power Technolo...
APTM10SKM02 ADPOW-APTM10SKM02 Datasheet
299Kb / 6P
   Buck chopper MOSFET Power Module
More results

Descripción similar - APTM10SKM02G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
APTM50SKM35TG MICROSEMI-APTM50SKM35TG Datasheet
286Kb / 6P
   Buck Chopper MOSFET Power Module
APTM20SKM04G MICROSEMI-APTM20SKM04G Datasheet
275Kb / 7P
   Buck chopper MOSFET Power Module
APTM100SK18TG MICROSEMI-APTM100SK18TG Datasheet
285Kb / 6P
   Buck chopper MOSFET Power Module
APTM120SK29TG MICROSEMI-APTM120SK29TG Datasheet
285Kb / 6P
   Buck chopper MOSFET Power Module
APTM10SKM05TG MICROSEMI-APTM10SKM05TG Datasheet
280Kb / 6P
   Buck chopper MOSFET Power Module
APTM20SKM10TG MICROSEMI-APTM20SKM10TG Datasheet
287Kb / 6P
   Buck chopper MOSFET Power Module
APTM100SK33T1G MICROSEMI-APTM100SK33T1G Datasheet
151Kb / 5P
   Buck chopper MOSFET Power Module
APTM120SK56T1G MICROSEMI-APTM120SK56T1G Datasheet
152Kb / 5P
   Buck chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM100SK18T ADPOW-APTM100SK18T Datasheet
314Kb / 6P
   Buck chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20SKM05G MICROSEMI-APTM20SKM05G Datasheet
276Kb / 6P
   Buck chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM50SKM19 ADPOW-APTM50SKM19 Datasheet
289Kb / 6P
   Buck chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com