Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA3856 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TDA3856
Descripción Electrónicos  Quasi-split sound processor for all standards
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3856 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3856 Datasheet HTML 1Page - NXP Semiconductors TDA3856 Datasheet HTML 2Page - NXP Semiconductors TDA3856 Datasheet HTML 3Page - NXP Semiconductors TDA3856 Datasheet HTML 4Page - NXP Semiconductors TDA3856 Datasheet HTML 5Page - NXP Semiconductors TDA3856 Datasheet HTML 6Page - NXP Semiconductors TDA3856 Datasheet HTML 7Page - NXP Semiconductors TDA3856 Datasheet HTML 8Page - NXP Semiconductors TDA3856 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
June 1994
4
Philips Semiconductors
Product specification
Quasi-split sound processor for all standards
TDA3856
PINNING
SYMBOL
PIN
DESCRIPTION
AMIF1
1
AM IF difference input 1 for L standard (32.4 MHz)
AMIF2
2
AM IF difference input 2 for L standard (32.4 MHz)
CAGC
3
charge capacitor for AGC (FM and AM)
CAM
4
charge capacitor for AM AGC
MODE
5
3-state input for standard select
FM2R1
6
reference circuit for FM2 (5.74 MHz)
FM2R2
7
reference circuit for FM2 (5.74 MHz)
AF2
8
AF2 output (AF out of 5.74 MHz)
AF1
9
AF1 output (AF out of 5.5 MHz or AM)
FM1R1
10
reference circuit for FM1 (5.5 MHz)
FM1R2
11
reference circuit for FM1 (5.5 MHz)
VC-R1
12
reference circuit for the vision carrier (38.9 MHz)
VC-R2
13
reference circuit for the vision carrier (38.9 MHz)
CAFAM
14
DC decoupling capacitor for AM demodulator (AF-AM)
FM1|
15
intercarrier input for FM1 (5.5 MHz)
CAF1
16
DC decoupling capacitor for FM1 demodulator (AF1)
ICO
17
intercarrier output signal (5.5/5.74 MHz)
CAF2
18
DC decoupling capacitor for FM2 demodulator (AF2)
FM2I
19
intercarrier input for FM2 (5.74 MHz)
GND
20
ground (0 V)
VP
21
+5 to +8 V supply voltage
CREF
22
charge capacitor for reference voltage
FMIF1
23
IF difference input 1 for B/G standard (38.9 MHz)
FMIF2
24
IF difference input 2 for B/G standard (38.9 MHz)
Fig.2 Pin configuration.


Número de pieza similar - TDA3856

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
   TV IF amplifier and demodulator with TV-identification
January 1992
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
TDA3858 PHILIPS-TDA3858 Datasheet
157Kb / 17P
   Quasi-split sound processor for all standards
June 1994
More results

Descripción similar - TDA3856

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3858 PHILIPS-TDA3858 Datasheet
157Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3866 PHILIPS-TDA3866 Datasheet
132Kb / 16P
   Quasi-split sound processor for all standards
January 1992
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
TDA3867T PHILIPS-TDA3867T Datasheet
113Kb / 14P
   Quasi-split sound processor with two FM demodulators
January 1992
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
logo
EPCOS
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3568M EPCOS-M3568M Datasheet
101Kb / 8P
   IF Filter for Quasi/Split Sound Applications
K3350K EPCOS-K3350K Datasheet
104Kb / 8P
   IF Filter for Quasi/Split Sound Applications
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com