Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TDA4680 Datasheet(Hoja de datos) 10 Page - NXP Semiconductors

No. de Pieza. TDA4680
Descripción  Video processor with automatic cut-off and white level control
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

 10 page
background image
1996 Oct 25
10
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
Table 2
Cut-off and white level measurement lines; notes 1 to 3
Notes
1. The line numbers given are those of the horizontal pulse counts after the start of the vertical component of the
sandcastle pulse.
2. * line frequency of approximately 31 kHz.
3. (EB) is extended blanking.
Table 3
Signal input selection by the fast source switches; notes 1 to 4
Notes
1. H: logical HIGH implies that the voltage >0.9 V.
2. L: logical LOW implies that the voltage <0.4 V.
3. X = don’t care.
4. ON indicates the selected input signal.
VBW2
VBW1
VBW0
R
G
B
WHITE
STANDARD
0
0
0
19
20
21
22
PAL/SECAM
0
0
1
16
17
18
19
NTSC/PAL M
0
1
0
22
23
24
25
PAL/SECAM (EB)
1
0
0
38, 39
40, 41
42, 43
44, 45
PAL*/SECAM*
1
0
1
32, 33
34, 35
36, 37
38, 39
NTSC*/PAL M*
1
1
0
44, 45
46, 47
48, 49
50, 51
PAL*/SECAM* (EB)
I2C-BUS CONTROL BITS
ANALOG SWITCH SIGNALS
INPUT SELECTED
FSON2 FSDIS2 FSON1 FSDIS1
FSW2
(PIN 1)
FSW1
(PIN 13)
RGB2
RGB1
Y/CD
LLLL
L
L
ON
LH
ON
HX
ON
LLL
H
L
X
ON
HX
ON
LL
H
X
L
X
ON
HX
ON
LHL
L
X
L
ON
XH
ON
LHLH
X
X
ON
LH
H
X
X
X
ON
H
XXX
X
X
ON




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TDA4681Video processor with automatic cut-off and white level control 1 2 3 4 5 MoreNXP Semiconductors
TDA4780RGB video processor with automatic cut-off control and gamma adjust 1 2 3 4 5 MoreNXP Semiconductors
TDA4685Video processor with automatic cut-off control 1 2 3 4 5 MoreNXP Semiconductors
TDA4686Video processor with automatic cut-off control 1 2 3 4 5 MoreNXP Semiconductors
TDA4687Video processor with automatic cut-off control 1 2 3 4 5 MoreNXP Semiconductors
TDA4688Video processor with automatic cut-off control 1 2 3 4 5 MoreNXP Semiconductors
TDA4689Video processor with automatic cut-off control 1 2 3 4 5 MoreNXP Semiconductors
TDA3505Video control combination circuit with automatic cut-off control 1 2 3 4 5 MoreNXP Semiconductors
TDA3506Video control combination circuit with automatic cut-off control 1 2 3 4 5 MoreNXP Semiconductors
TDA3508Video control combination circuit with automatic cut-off control 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl