Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD25A20X Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza BD25A20X
Descripción Electrónicos  BRUSHLESS SERVO AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

BD25A20X Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BD25A20X Datasheet HTML 1Page - List of Unclassifed Manufacturers BD25A20X Datasheet HTML 2Page - List of Unclassifed Manufacturers BD25A20X Datasheet HTML 3Page - List of Unclassifed Manufacturers BD25A20X Datasheet HTML 4Page - List of Unclassifed Manufacturers BD25A20X Datasheet HTML 5Page - List of Unclassifed Manufacturers BD25A20X Datasheet HTML 6Page - List of Unclassifed Manufacturers BD25A20X Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BD30A Series
B-18
DESCRIPTION: The BD30A Series PWM servo amplifiers are designed to drive brushless DC motors at a high switching
frequency.
They are fully protected against over-voltage, over-current, over-heating and short-circuits. All models
interface with digital controllers that have a digital PWM output. PWM IN determines the output duty cycle. DIR IN
determines the direction of rotation. A single red/green LED indicates operating status. The current limit can be set by
DIP switches.
SPECIFICATIONS:
MODELS
POWER STAGE SPECIFICATIONS
BD30A8
BD25A20
DC SUPPLY VOLTAGE
20 - 80 V
40 - 190 V
PEAK CURRENT (2 sec. max., internally limited)
± 30 A
± 25 A
MAX. CONTINUOUS CURRENT (internally limited)
± 15 A
± 12.5 A
MINIMUM LOAD INDUCTANCE*
200 µH
250 µH
SWITCHING FREQUENCY
5 - 20 kHz ±15%
HEATSINK (BASE) TEMPERATURE RANGE
0
o to +65o C, disables if > 65o C
POWER DISSIPATION AT CONT. CURRENT
60 W
125 W
OVER-VOLTAGE SHUT-DOWN (self reset)
86 V
195 V
MECHANICAL SPECIFICATIONS
POWER CONNECTOR
Screw terminals
SIGNAL CONNECTOR
Molex connector
SIZE
7.35 x 4.40 x 1.00 inches
186.7 x 111.7 x 25.4 mm
WEIGHT
1.5 lb.
0.68 kg
* Low inductance motors require external inductors.


Número de pieza similar - BD25A20X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BD250 MOSPEC-BD250 Datasheet
131Kb / 3P
   POWER TRANSISTORS(25A,125W)
logo
Power Innovations Ltd
BD250 POINN-BD250 Datasheet
93Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD250 BOURNS-BD250 Datasheet
109Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD250 SAVANTIC-BD250 Datasheet
144Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD250 ISC-BD250 Datasheet
135Kb / 3P
   Silicon PNP Power Transistors
More results

Descripción similar - BD25A20X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
B40A40 ETC1-B40A40 Datasheet
114Kb / 6P
   BRUSHLESS SERVO AMPLIFIERS
logo
Leadshine Technology Co...
BLM LEADSHINE-BLM Datasheet
1Mb / 4P
   BLM Series Brushless DC Servo Motors
logo
List of Unclassifed Man...
10A8DD ETC2-10A8DD Datasheet
161Kb / 5P
   PWM BRUSH TYPE SERVO AMPLIFIERS
MC2310 ETC1-MC2310 Datasheet
1Mb / 59P
   Technical Specifications for Brushless Servo Motion Control
logo
SparkFun Electronics
ROB-12444 SPARKFUN-ROB-12444 Datasheet
91Kb / 1P
   Servo Mount - Servo Plate B
2/10/2016
ROB-12330 SPARKFUN-ROB-12330 Datasheet
93Kb / 1P
   Servo Mount - Servo Plate A
2/10/2016
ROB-12292 SPARKFUN-ROB-12292 Datasheet
97Kb / 1P
   Servo Mount - Servo Plate D
2/10/2016
ROB-12237 SPARKFUN-ROB-12237 Datasheet
95Kb / 1P
   Servo Mount - Servo Plate C
2/10/2016
logo
List of Unclassifed Man...
NE544 ETC1-NE544 Datasheet
300Kb / 6P
   SERVO AMPLIFIER
logo
Festo Corporation.
8148273 FESTO-8148273 Datasheet
102Kb / 3P
   Servo motor
5/30/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com