Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA4691T Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA4691T
Descripción Electrónicos  Sync Processor with Clock SPC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4691T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA4691T Datasheet HTML 2Page - NXP Semiconductors TDA4691T Datasheet HTML 3Page - NXP Semiconductors TDA4691T Datasheet HTML 4Page - NXP Semiconductors TDA4691T Datasheet HTML 5Page - NXP Semiconductors TDA4691T Datasheet HTML 6Page - NXP Semiconductors TDA4691T Datasheet HTML 7Page - NXP Semiconductors TDA4691T Datasheet HTML 8Page - NXP Semiconductors TDA4691T Datasheet HTML 9Page - NXP Semiconductors TDA4691T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
September 1993
6
Philips Semiconductors
Preliminary specification
Sync Processor with Clock (SPC)
TDA4691
50/60 Hz output
This is an open-collector output,
which is LOW if more than 287
lines/field are detected.
SSC generator
The SSC generator generates a 3
stage super-sandcastle pulse on an
open-collector output, which is able to
operate up to 12 volts. The blanking
thresholds 2.5 V and 4.5 V are
derived from the gap reference (point
16).
Signal identification with Digital
PLL (DPLL)
The analog signal identification with
output signal at pin 4 is completed
with a DPLL. This PLL is able to lock
on the separated sync although the
13.5 MHz VCO is not locked on the
input signal. The ratio of the lock
condition to the unlock condition
influences the voltage at pin 5. The
detector circuit of the analog signal
identification block evaluates the
voltages at pins 2 and 5. If the voltage
at pin 5 reaches 4 V (most of the time
the PLL is locked) pin 4 will be HIGH.
The voltages at pins 2 and 5 together
with the state of the V-logic set the
operation state of the TDA4691. The
TDA4691 is able to accommodate to
different input conditions
automatically.
Some operation conditions can be
set externally by influencing the
voltages at pins 2 and 5:
1. Time constant T1 (fast) on:
voltage at pin 2 is limited to
5 V (0 to 5 V).
2. Time constant T3 (slow) on:
voltage at pin 5 is limited to
6.2 V (0 to 6.2 V).
3. Time constant T3 (slow)
inoperative:
voltage at pin 2 is limited
between 4 V and 6.5 V.
4. Time constant T3 (slow)
inoperative with input signal:
voltage at pin 2 is limited to
6.5 V (0 to 6.5 V).
5. VCO frequency fixed to f0:
pin 2 is set to ground
(V2 < 1 V).
Noise detector
This block switches the time
constant to ‘slow’ if on standard
signal a certain noise level is
reached. This noise level is
measured in a small window
inside the sync pulse.


Número de pieza similar - TDA4691T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
TDA4600 MOTOROLA-TDA4600 Datasheet
313Kb / 6P
   CONTROL IC FOR LINE ISOLATED FREELY OSCILLATING FLYBACK CONVERTER
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
TDA4601-D SIEMENS-TDA4601-D Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
More results

Descripción similar - TDA4691T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M52001SP MITSUBISHI-M52001SP Datasheet
852Kb / 16P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52036SP RENESAS-M52036SP Datasheet
254Kb / 14P
   SYNC SIGNAL PROCESSOR
Rev.1.0 Sep.22.2003
logo
Mitsubishi Electric Sem...
M52347SP MITSUBISHI-M52347SP Datasheet
131Kb / 13P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52347SP RENESAS-M52347SP Datasheet
218Kb / 17P
   Sync Signal Processor
logo
Siemens Semiconductor G...
SDA9257 SIEMENS-SDA9257 Datasheet
1Mb / 36P
   Clock Sync Generator
logo
List of Unclassifed Man...
WT9051 ETC1-WT9051 Datasheet
1Mb / 42P
   SYNC SINGAL PROCESSOR TOR MILTI-SYNC DISPLAY
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
   SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
Motorola, Inc
MC44145 MOTOROLA-MC44145 Datasheet
73Kb / 8P
   PIXEL CLOCK GENERATOR / SYNC SEPARATOR
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com