Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA4800 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA4800
Descripción Electrónicos  Vertical deflection circuit for monitor applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4800 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA4800 Datasheet HTML 5Page - NXP Semiconductors TDA4800 Datasheet HTML 6Page - NXP Semiconductors TDA4800 Datasheet HTML 7Page - NXP Semiconductors TDA4800 Datasheet HTML 8Page - NXP Semiconductors TDA4800 Datasheet HTML 9Page - NXP Semiconductors TDA4800 Datasheet HTML 10Page - NXP Semiconductors TDA4800 Datasheet HTML 11Page - NXP Semiconductors TDA4800 Datasheet HTML 12Page - NXP Semiconductors TDA4800 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 Mar 27
9
Philips Semiconductors
Product specification
Vertical deflection circuit for monitor
applications
TDA4800
TEST AND APPLICATION INFORMATION
Fig.4 Test and application circuit.
handbook, full pagewidth
MHA589
47 k
100 k
560
(0.5 W)
2200
µF
10
µF
5.6
3.3
(4 W)
100
120
0.82
(0.5 W)
6.5
mH
BAX18
1N4148
100
nF
Vamplitude
VP2 = 23 V
100
nF
100
µF
100
µF
frequency
criterion
50 Hz: low
60 Hz: high
blank pulse
duration:
tbl = R × C × Ln2
100
nF
100 nF
linearity
vertical
deflection
unit
47 k
15 k
6.5
10 k
15 k
100
k
330 k
(frequency)
2.2 k
4.7 k
1.5 k
4
3
25
6
7
9
8
10
11
12
13
562 k
180
k
(R)
10
nF
(C)
47 nF
100 nF
amplitude
1
blank
output
sync input
or
OSCILLATOR
RAMP
GENERATOR
BUFFER
STAGE
+2 V
PRE-
AMPLIFIER
POWER
OUTPUT STAGE
FLYBACK
GENERATOR
THERMAL AND
SOAR PROTECTION
SYNC
CIRCUIT
FREQUENCY
DETECTOR
VOLTAGE
STABILIZER
BLANKING
PULSE
GENERATOR
TDA4800
GUARD
CIRCUIT


Número de pieza similar - TDA4800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4814A SIEMENS-TDA4814A Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
TDA4817G SIEMENS-TDA4817G Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
More results

Descripción similar - TDA4800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
   Integrated Circuit Vertical Deflection Circuit for Monitor Applications
NTE7085 NTE-NTE7085 Datasheet
21Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for Monitor
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
   Integrated Circuit Horizontal and Vertical Deflection Monitor
NTE1855 NTE-NTE1855 Datasheet
23Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Driver Circuit for TV Monitor
logo
STMicroelectronics
STV9380A STMICROELECTRONICS-STV9380A Datasheet
129Kb / 10P
   Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
STV9383 STMICROELECTRONICS-STV9383 Datasheet
129Kb / 10P
   Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
September 1996
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
   Horizontal and vertical deflection monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com