Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA4884 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA4884
Descripción Electrónicos  Advanced monitor video controller for OSD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4884 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA4884 Datasheet HTML 1Page - NXP Semiconductors TDA4884 Datasheet HTML 2Page - NXP Semiconductors TDA4884 Datasheet HTML 3Page - NXP Semiconductors TDA4884 Datasheet HTML 4Page - NXP Semiconductors TDA4884 Datasheet HTML 5Page - NXP Semiconductors TDA4884 Datasheet HTML 6Page - NXP Semiconductors TDA4884 Datasheet HTML 7Page - NXP Semiconductors TDA4884 Datasheet HTML 8Page - NXP Semiconductors TDA4884 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1997 Nov 26
3
Philips Semiconductors
Product specification
Three gain control video pre-amplifier for OSD
TDA4884
1
FEATURES
• 85 MHz video controller
• Fully DC controllable
• 3 separate video channels
• Input black-level clamping
• White level adjustment for 3 channels
• Contrast control for all 3 channels simultaneously
• Cathode feedback to internal reference for cut-off
control, which allows unstabilized video supply voltage
• Current outputs for RGB signal currents
• RGB voltage outputs to external peaking circuits
• Blanking and switch-off input for screen protection
• Sync on green operation possible
• On Screen Display (OSD) facility.
2
GENERAL DESCRIPTION
The TDA4884 is an RGB pre-amplifier for colour monitor
systems with SVGA performance, intended for DC or AC
coupling of the colour signals to the cathodes of the CRT.
With special advantages the circuit can be used in
conjunction with the TDA485x monitor deflection IC family.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage
7.2
8.0
8.8
V
IP
supply current
36
48
60
mA
Vi(b-w)
input voltage (black-to-white; pins 2, 5
and 8)
0.7
1.0
V
Vo(b-w)
output voltage (black-to-white; pins 19,
16 and 13)
nominal contrast; pins 3,
1 and 11 open-circuit
0.79
V
Io(b-w)
output current (black-to-white; pins 20,
17 and 14)
50
mA
with peaking
−−
100
mA
B
bandwidth
−3dB
70
85
MHz
Gnom
nominal gain (pins 2, 5 and 8 to pins 19,
16 and 13)
nominal contrast; pins 3,
1 and 11 open-circuit
1
dB
∆G
gain control difference for all channels
relative to Gnom
−5
+2.6
dB
CRcontrast
contrast control
Vi(CC) = 1 to 6 V
−22
+3.4
dB
COSD(min)
minimum contrast for OSD
Vi(CC) = 0.7 V
−−40
dB
Tamb
operating ambient temperature
−20
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4884
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1


Número de pieza similar - TDA4884

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
   Advanced monitor video controller for OSD
1997 Sep 04
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
TDA4886A PHILIPS-TDA4886A Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Dec 04
More results

Descripción similar - TDA4884

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
   Advanced monitor video controller for OSD
1997 Sep 04
logo
NTE Electronics
NTE7138 NTE-NTE7138 Datasheet
54Kb / 7P
   Integrated Circuit Advanced Monitor Video Controller for OSD
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
logo
NTE Electronics
NTE7137 NTE-NTE7137 Datasheet
33Kb / 5P
   Integrated Circuit Advanced Monitor Video Controller
logo
STMicroelectronics
STV9432 STMICROELECTRONICS-STV9432 Datasheet
186Kb / 18P
   100MHz OSD FOR MONITOR
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
S5D2508A01 SAMSUNG-S5D2508A01 Datasheet
222Kb / 24P
   OSD PROCESSOR FOR MONITOR
logo
STMicroelectronics
STV9432TA STMICROELECTRONICS-STV9432TA Datasheet
227Kb / 24P
   100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER
logo
Samsung semiconductor
S5D2509 SAMSUNG-S5D2509 Datasheet
289Kb / 32P
   OSD PRESSOR FOR MONITOR (PRELIMINARY)
logo
STMicroelectronics
STV9432TAP STMICROELECTRONICS-STV9432TAP Datasheet
210Kb / 25P
   100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com