Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6103AUS Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N6103AUS
Descripción Electrónicos  Voidless-Hermetically-Sealed Surface Mount Bidirectional Transient Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6103AUS Datasheet(HTML) 1 Page - Microsemi Corporation

  1N6103AUS Datasheet HTML 1Page - Microsemi Corporation 1N6103AUS Datasheet HTML 2Page - Microsemi Corporation 1N6103AUS Datasheet HTML 3Page - Microsemi Corporation 1N6103AUS Datasheet HTML 4Page - Microsemi Corporation 1N6103AUS Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Voidless-Hermetically-Sealed Surface
Mount Bidirectional Transient Suppressors
SCOTTSD A L E DIVISION
1N6102US thru 1N6137AUS
and 1N6138US thru 1N6173AUS
DESCRIPTION
APPEARANCE
This surface mount series of industry recognized voidless-hermetically-
sealed Bidirectional Transient Voltage Suppressor (TVS) designs is
military qualified to MIL-PRF-19500/516 and are ideal for high-reliability
applications where a failure cannot be tolerated. They provide a Working
Peak “Standoff” Voltage selection from 5.2 to 152 Volts with two package
sizes for 500 W and 1500 W ratings. They are very robust in hard-glass
construction and also use an internal metallurgical bond identified as
Category I for high-reliability applications. Both of these are also military
qualified to MIL-PRF-19500/516 and are available as both a non suffix part
and an “A” suffix part involving different voltage tolerances as further
described in note 4 on page 2. These devices are also available in axial-
leaded packages for thru-hole mounting by deleting the “US” suffix (see
separate data sheet for 1N6102 thru 1N6173A). Microsemi also offers
numerous other TVS products to meet higher and lower peak pulse power
and voltage ratings in both through-hole and surface-mount packages.
Package “E”
(or “D-5B”)
Package “G”
(or “D-5C”)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• High surge current and peak pulse power provides
transient voltage protection for sensitive circuits
• Triple-layer passivation
• Internal “Category I” metallurgical bonds
• Voidless hermetically sealed glass package
• JAN/TX/TXV military qualifications available per MIL-PRF-
19500/516 by adding JAN, JANTX, or JANTXV prefix
(consult factory for 1N6102US and 1N6138US)
• JANS available for 1N6103AUS thru 1N6118AUS per
MIL-PRF-19500/516 as well as further options for
screening in accordance with MIL-PRF-19500 for JANS
on all others in this series by using a “MSP” prefix, e.g.
MSP6119AUS, MSP6143AUS, etc.
• Axial-leaded equivalents also available (see separate
data sheet for 1N6102 thru 1N6173)
• Military and other high reliability transient protection
• Extremely robust construction
• Extensive range in Working Peak “Standoff”
Voltage (VWM) from 5.2 to 152 V
• Available as either 500 W or 1500 W Peak Pulse
Power (PPP) using two different size packages
• ESD and EFT protection per IEC6100-4-2 and
IEC61000-4-4 respectively
• Secondary lightning protection per select levels in
IEC61000-4-5
• Square-end-cap terminals for easy placement
• Nonsensitive to ESD per MIL-STD-750 Method
1020
• Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating (TJ) & Storage Temperature: -55
oC to +175oC
• Peak Pulse Power (PPP) at 25
oC: 500 W for 1N6102US to
1N6137AUS and 1500 W for 1N6138US to 1N6173AUS @
10/1000 µs (also see Figures 1,2 and 3)
• Impulse repetition rate (duty factor): 0.01%
• Steady-State Power: 3.0 W for 1N6102US to 1N6137AUS
and 5.0 W for 1N6138US to 1N6173AUS up to TEC = 150
oC.
Linearly derate above TEC =150
oC to zero at TEC =175oC.
• Steady-State Power: 2.0 W for 1N6102US to 1N6137AUS
and 3.0 W for 1N6138US to 1N6173AUS @ TA = 25
oC (see
note and Figure 4 for linear derating at higher temperatures)
• Thermal Resistance (junction to endcap): 8.3 oC/W for
1N6102US to 1N6137AUS and 5.0
oC/W for 1N6138US to
1N6173AUS
• Solder Temperatures: 260oC for 10 s (maximum)
• CASE: Hermetically sealed voidless hard glass with
Tungsten slugs
• TERMINATIONS: End caps are solid Silver (Ag)
with Tin/Lead (Sn/Pb) finish
• MARKING: None
• POLARITY: No polarity marking for these
bidirectional TVSs
• Tape & Reel option: Standard per EIA-481-B
• Weight: 539 mg for 500 Watt (E Package)
1100 mg for 1500 Watt (G Package)
• See package dimensions and recommended pad
layouts on last page for both the “E” (D-5B) and “G”
(D-5C) size packages
NOTE: Steady-state power ratings with reference to ambient are for PC boards where thermal resistance from
mounting point to ambient is sufficiently controlled where TOP or TJ(MAX) is not exceeded
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2004
1-05-2005 REV B


Número de pieza similar - 1N6103AUS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N6103AUS SEMTECH-1N6103AUS Datasheet
118Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6103AUS SEMTECH-1N6103AUS Datasheet
47Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Sensitron
1N6103AUS SENSITRON-1N6103AUS Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
1N6103AUS SENSITRON-1N6103AUS Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results

Descripción similar - 1N6103AUS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N6138AUS MICROSEMI-1N6138AUS Datasheet
513Kb / 7P
   Voidless Hermetically Sealed Surface Mount Bidirectional Transient Voltage Suppressors
1N6138A MICROSEMI-1N6138A Datasheet
509Kb / 7P
   Voidless Hermetically Sealed Bidirectional Transient Voltage Suppressors
1N6469US MICROSEMI-1N6469US_07 Datasheet
185Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient Suppressors
1N6469US MICROSEMI-1N6469US Datasheet
325Kb / 3P
   VOIDLESS HERMETICALLY SEALED SURFACE MOUNT UNDIRECTIONAL TRANSIENT SUPPRESSORS
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
   Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N6461US MICROSEMI-1N6461US Datasheet
310Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
JANTX1N6467US MICROSEMI-JANTX1N6467US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JANTX1N6461US MICROSEMI-JANTX1N6461US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com