Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5240T Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA5240T
Descripción Electrónicos  Brushless DC motor drive circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5240T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA5240T Datasheet HTML 3Page - NXP Semiconductors TDA5240T Datasheet HTML 4Page - NXP Semiconductors TDA5240T Datasheet HTML 5Page - NXP Semiconductors TDA5240T Datasheet HTML 6Page - NXP Semiconductors TDA5240T Datasheet HTML 7Page - NXP Semiconductors TDA5240T Datasheet HTML 8Page - NXP Semiconductors TDA5240T Datasheet HTML 9Page - NXP Semiconductors TDA5240T Datasheet HTML 10Page - NXP Semiconductors TDA5240T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Philips Semiconductors
Product specification
TDA5240T
Brushless DC motor drive circuit
November 96
7/19
CHARACTERISTICS
VP = 14.5 V "10%; Tamb = –10 °C to 70 °C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VP
Supply voltage range
note 1
4
18
V
IP
Input current range
note 2
5.3
7
mA
Thermal protection
TSD
Local temperature at temperature
sensor causing shut–down
130
140
150
°C
DT
Reduction in temperature
before switch–on
after shut–down
TSD–30
°C
MOT0 – CENTER TAP
VI
Input voltage range
–0.5
VP
V
II
Input bias current
0.5 V<VI <VP–1.5 V
–10
mA
VCSW
Comparator Switching Level
note 3
20
30
40
mV
DVCS
Variations in comparator switching
levels
–3
0
+3
mV
VH
Comparator input hysteresis
75
mV
MOT1, MOT2
AND MOT3
VDO
Voltage drop at 25
°C
IO = 100 mA
0.93
1.05
V
(Vout upper stage + Vout lower stage)
IO = 500 mA
1.65
1.9
V
DVOL
Variation in voltage between lower
transistors
in control mode;
IO = 100 mA
150
mV
DVOH
Variation in voltage between upper
transistors
in control mode;
IO = –100 mA
150
mV
ILIM
Current limiting
12 V/6.8
W
0.6
0.85
1
A
Tr
Rise time switching output between
1.9 and 12.2 V
IO = 250 mA
7
12
17
ms
Tf
Fall time switching output between
12.2 and 1.9 V
IO = 250 mA
16
23
30
ms
VDHF
Diode forward voltage (DH)
notes 4 and 5; see Fig. 2;
IO = –500 mA
1.5
V
VDLF
Diode forward voltage (DL)
notes 4 and 5; see Fig. 2;
IO = 500 mA
–1.5
V
IDM
Peak diode current
note 5
1
A
CTL IN
VCTLIN
Input voltage range
0
VP
V
VCTLIN0
Offset voltage
See Fig. 6
VCAPCPC v 1.1 V
0.7
V
GTRAN
Transfer gain
CAP–CPC = 100 nF
VCTLIN = 1.5V and
VCTLIN = 3 V
4.5
5
5.5
V/V


Número de pieza similar - TDA5240T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5240 INFINEON-TDA5240 Datasheet
13Mb / 284P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V4.0, February 2010
More results

Descripción similar - TDA5240T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
   Brushless DC motor drive circuit
1994 May 18
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
   Brushless DC motor drive circuit
1998 Oct 27
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDA5145 PHILIPS-TDA5145 Datasheet
249Kb / 24P
   Brushless DC motor drive circuit
June 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19