Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5632 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA5632
Descripción Electrónicos  9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5632 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA5632 Datasheet HTML 5Page - NXP Semiconductors TDA5632 Datasheet HTML 6Page - NXP Semiconductors TDA5632 Datasheet HTML 7Page - NXP Semiconductors TDA5632 Datasheet HTML 8Page - NXP Semiconductors TDA5632 Datasheet HTML 9Page - NXP Semiconductors TDA5632 Datasheet HTML 10Page - NXP Semiconductors TDA5632 Datasheet HTML 11Page - NXP Semiconductors TDA5632 Datasheet HTML 12Page - NXP Semiconductors TDA5632 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1996 Aug 16
9
Philips Semiconductors
Product specification
9 V VHF and UHF mixers/oscillators for TV
and VCR cable tuners
TDA5632; TDA5633
Fig.6 Band A 1% cross modulation.
Wanted input signal = 80 dB
µV; Zi >> 50 Ω= > wanted input signal = 2Vmeas; unwanted input signal modulated with 30% AM;
VoA(IF) = unwanted output signal Vout when the output wanted signal is modulated with 0.3% AM.
Measurement at 57.5 MHz: fwanted = 55.25 MHz (80 dBµV), funwanted = 59.75 MHz 30% modulated with 100 kHz, fosc = 101 MHz.
Measurement at 357.5 MHz: fwanted = 355.25 MHz (80 dBµV), funwanted = 359.75 MHz 30% modulated with 100 kHz, fosc = 401 MHz.
handbook, full pagewidth
MBH331
wanted
input signal
source
V
HYBRID
AC
BD
D.U.T.
A IN
IF
out
A IN
ew
50
27
50
unwanted
input signal
source
50
50
eu
50
out
V
meas
V
modulation analyzer
(unwanted AM on
the output wanted
frequency)
wanted
input
signal
RMS
voltmeter
Fig.7 Band C gain measurement.
Vin =Vmeas − loss of the hybrid; (Vin =70dBµV); loss of the hybrid = 1 dB;
Vout =V'meas ×
; voltage gain for band C = 20 log
.
50
27
+
50
-------------------
V
out
V
in
-----------
handbook, full pagewidth
MBH332
signal
source
V
V
HYBRID
AC
BD
D.U.T.
C IN
C IN
e
50
27
50
50
50
out
Vin
V
meas
meas
V'
RMS
voltmeter
spectrum
analyzer
IF
out


Número de pieza similar - TDA5632

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5630M PHILIPS-TDA5630M Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630T PHILIPS-TDA5630T Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5631 PHILIPS-TDA5631 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
More results

Descripción similar - TDA5632

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com