Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5636T Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TDA5636T
Descripción Electrónicos  9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5636T Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA5636T Datasheet HTML 1Page - NXP Semiconductors TDA5636T Datasheet HTML 2Page - NXP Semiconductors TDA5636T Datasheet HTML 3Page - NXP Semiconductors TDA5636T Datasheet HTML 4Page - NXP Semiconductors TDA5636T Datasheet HTML 5Page - NXP Semiconductors TDA5636T Datasheet HTML 6Page - NXP Semiconductors TDA5636T Datasheet HTML 7Page - NXP Semiconductors TDA5636T Datasheet HTML 8Page - NXP Semiconductors TDA5636T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1996 Jun 10
5
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF mixers-
oscillators for TV and VCR 3-band tuners
TDA5636; TDA5637
PINNING
SYMBOL
PIN
DESCRIPTION
TDA5636
TDA5637
CIN1
1
24
band C input 1
CIN2
2
23
band C input 2
RFGND
3
22
ground for RF inputs
BIN1
4
21
band B input 1
BIN2
5
20
band B input 2
AIN
6
19
band A input
VP
7
18
supply voltage
MIXOUT1
8
17
mixers output 1
MIXOUT2
9
16
mixers output 2
GND1
10
15
ground 1 (0 V)
LOOUT1
11
14
local oscillator amplifier output 1
LOOUT2
12
13
local oscillator amplifier output 2
IFOUT
13
12
IF amplifier output
IFGND
14
11
IF amplifier ground
BS
15
10
electronic band switch input
GND2
16
9
ground 2 (0 V)
BOSCOC
17
8
band B oscillator output collector
COSCIB1
18
7
band C oscillator input base 1
BOSCIB
19
6
band B oscillator input base
COSCOC1
20
5
band C oscillator output collector 1
COSCOC2
21
4
band C oscillator output collector 2
AOSCOC
22
3
band A oscillator output collector
COSCIB2
23
2
band C oscillator input base 2
AOSCIB
24
1
band A oscillator input base


Número de pieza similar - TDA5636T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5636BM PHILIPS-TDA5636BM Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5636BT PHILIPS-TDA5636BT Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
More results

Descripción similar - TDA5636T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com