Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5633M Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TDA5633M
Descripción Electrónicos  9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5633M Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA5633M Datasheet HTML 1Page - NXP Semiconductors TDA5633M Datasheet HTML 2Page - NXP Semiconductors TDA5633M Datasheet HTML 3Page - NXP Semiconductors TDA5633M Datasheet HTML 4Page - NXP Semiconductors TDA5633M Datasheet HTML 5Page - NXP Semiconductors TDA5633M Datasheet HTML 6Page - NXP Semiconductors TDA5633M Datasheet HTML 7Page - NXP Semiconductors TDA5633M Datasheet HTML 8Page - NXP Semiconductors TDA5633M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1996 Aug 16
5
Philips Semiconductors
Product specification
9 V VHF and UHF mixers/oscillators for TV
and VCR cable tuners
TDA5632; TDA5633
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
HANDLING
Human body model: the IC withstands 2000 V in accordance with the
“UZW-B0/FQ-A302”; specification equivalent to
the “
MIL-STD-883C, category B”; R = 1.5 k
Ω; C = 100 pF.
Machine model: the IC withstands 200 V in accordance with the
“UZW-B0/FQ-B302” (date of issue: Nov 6th, 1990);
R=0
Ω; C = 200 pF.
IF AMPLIFIER CHARACTERISTICS
VP =9V; Tamb =25 °C; measured at 43.5 MHz; measured in circuit of Fig.10; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage
−0.3
+10.5
V
VSW
switching voltage
0
10.5
V
IO
output current of each pin referenced to ground
−−10
mA
tsc
maximum short-circuit time (all pins)
10
s
Tstg
IC storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−20
+85
°C
Tj
junction temperature
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SOT163-1
80
K/W
SOT266-1
120
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
S22
output reflection coefficient
fIF = 43.5 MHz; see Fig.9
−−13.1
dB
fIF = 43.5 MHz; see Fig.9
2.9
deg
fIF = 58.75 MHz; see Fig.9
−−13.1
dB
fIF = 58.75 MHz; see Fig.9
2.2
deg
ZO
output impedance
fIF = 43.5 MHz; see Fig.9
78.4
−Ω
fIF = 43.5 MHz; see Fig.9
1.8
−Ω
fIF = 58.75 MHz; see Fig.9
78.4
−Ω
fIF = 58.75 MHz; see Fig.9
−−1.4
−Ω


Número de pieza similar - TDA5633M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5630M PHILIPS-TDA5630M Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630T PHILIPS-TDA5630T Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5631 PHILIPS-TDA5631 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
More results

Descripción similar - TDA5633M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com