Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC374TWN1-65P-A1 Datasheet(PDF) 5 Page - Cree, Inc |
|
LC374TWN1-65P-A1 Datasheet(HTML) 5 Page - Cree, Inc |
5 / 6 page Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 5 CLD-CT024.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Mechanical Dimensions All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted. An epoxy meniscus may extend about 1.5 mm down the leads. Burr around bottom of epoxy may be 0.5 mm max. Notes RoHS Compliance The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or otherwise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc- tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as amended through April 21, 2006. Vision Advisory Claim Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye. 2/5 Format #: COTCO-D-074 REV.4 Document No. SPE/LC374TWN1-65P-A1 Rev. No. 04 A Apppplliiccaattiioonnss:: D Diim meennssiioonn D Drraaw wiinngg - Advertising Signs - Indicators - LCD Back Light - Illuminations A Abbssoolluuttee M Maaxxiim muum m R Raattiinnggss aatt TTaa == 2255 °C Items Symbol Absolute maximum Rating Unit Forward Current IF 25 mA Peak Forward Current* IFP 100 mA Reverse Voltage VR 5 V Power Dissipation PD 100 mW Operation Temperature Topr -40 ~ +95 °C Storage Temperature Tstg -40 ~ +100 °C Lead Soldering Temperature Tsol Max.260 °C for 3 sec Max. (3mm from the base of the epoxy bulb) *pulse width <=0.1msec duty <=1/10 TTyyppiiccaall E Elleeccttrriiccaall & & O Oppttiiccaall C Chhaarraacctteerriissttiiccss (( TTaa == 2255°C)) Items Symbol Condition Min. Typ. Max. Unit Forward Voltage VF IF = 20mA --- 3.4 4.0 V Forward Voltage VF IF = 1.0 1.7 --- 2.5 V Reverse Current IR VR = 5V --- --- 100 A Luminous Intensity IV IF = 20mA 1100 1800 --- mcd x IF = 20mA --- 0.31 --- --- Chromaticity Coordinates y IF = 20mA --- 0.32 --- --- 50% Power Angle 2 ½H-H IF = 20mA --- 65 --- deg |
Número de pieza similar - LC374TWN1-65P-A1 |
|
Descripción similar - LC374TWN1-65P-A1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |