Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCN102ABI220KJ7 Datasheet(PDF) 3 Page - Bi technologies

No. de pieza BCN102ABI220KJ7
Descripción Electrónicos  Thick Film Chip Resistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BITECH [Bi technologies]
Página de inicio  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN102ABI220KJ7 Datasheet(HTML) 3 Page - Bi technologies

  BCN102ABI220KJ7 Datasheet HTML 1Page - Bi technologies BCN102ABI220KJ7 Datasheet HTML 2Page - Bi technologies BCN102ABI220KJ7 Datasheet HTML 3Page - Bi technologies BCN102ABI220KJ7 Datasheet HTML 4Page - Bi technologies BCN102ABI220KJ7 Datasheet HTML 5Page - Bi technologies BCN102ABI220KJ7 Datasheet HTML 6Page - Bi technologies BCN102ABI220KJ7 Datasheet HTML 7Page - Bi technologies BCN102ABI220KJ7 Datasheet HTML 8Page - Bi technologies BCN102ABI220KJ7 Datasheet HTML 9Page - Bi technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4
4-7
Model BCN Series
SCHEMATICS
BCN 102
BCN 4D, BCN 104, & BCN 16 4
R1
R2
R
10
987
6
1
234
5
10
987
6
1
234
5
3
R 4
R1
R2
=
. . . Rn
(n = 2,4)
BCN 16 8R & BCN 31 8R
BCN 16 8S & BCN 31 8S
BCN 21
10
100
1K
10K
100K
1Meg
12
120
1.2K
12K
120K
Jumper
15
150
1.5K
15K
150K
18
180
1.8K
18K
180K
22
220
2.2K
22K
220K
27
270
2.7K
27K
270K
33
330
3.3K
33K
330K
39
390
3.9K
39K
390K
47
470
4.7K
47K
470K
56
560
5.6K
56K
560K
68
680
6.8K
68K
680K
82
820
8.2K
82K
820K
STANDARD RESISTANCE VALUES, OHMS
Model BCN 102, BCN 4D, BCN 104 & BCN 16 4
220
2.2K
10K
100K
330
2.7K
22K
470K
1K
4.7K
47K
1Meg
220
1K
10K
100K
330
4.7K
47K
1Meg
68
330
4.7K
10K
220
1K
47K
100K
Model BCN 16 8R & BCN 16 8S
Model BCN 31 8R
Model BCN 31 8S
Model BCN 21


Número de pieza similar - BCN102ABI220KJ7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
BCN10 TTELEC-BCN10 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
BCN104AB330J7 ETC2-BCN104AB330J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
More results

Descripción similar - BCN102ABI220KJ7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
Bourns Electronic Solut...
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-474JALF BOURNS-CAT25-474JALF Datasheet
229Kb / 3P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com