Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2110-X-FM Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza SI2110-X-FM
Descripción Electrónicos  SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2110-X-FM Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI2110-X-FM Datasheet HTML 3Page - Silicon Laboratories SI2110-X-FM Datasheet HTML 4Page - Silicon Laboratories SI2110-X-FM Datasheet HTML 5Page - Silicon Laboratories SI2110-X-FM Datasheet HTML 6Page - Silicon Laboratories SI2110-X-FM Datasheet HTML 7Page - Silicon Laboratories SI2110-X-FM Datasheet HTML 8Page - Silicon Laboratories SI2110-X-FM Datasheet HTML 9Page - Silicon Laboratories SI2110-X-FM Datasheet HTML 10Page - Silicon Laboratories SI2110-X-FM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
Si2107/08/09/10
Preliminary Rev. 0.81
7
Table 6. LNB Supply Characteristics (Si2108/10 Only)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VLNB_IN
812
13.2
V
Converter Switch Frequency
237
264
290
kHz
Output HIGH voltage
VHIGH = 1101
17.75
18.625
19.5
V
VHIGH = 1000
17.0
18.0
19.0
V
Output LOW voltage
VLOW = 1101
12.75
13.375
14.0
V
VLOW = 1100
12.5
13.25
14.0
V
Low to High Transition Time
13 to 18 V
1
ms
High to Low Transition Time
18 to 13 V
1
ms
Line Regulation
VCC =8 to
13.2 V
Io =500 mA
——
200
∆mV
Load Regulation
Io =50 to
500 mA
VCC =12V
——
200
∆mV
Load Capacitance Tolerance
DiSEqC 1.x
0.75
µF
DiSEqC 2.x
0.25
µF
Output current limiting
ILIM = 00
400
550
mA
ILIM = 01
500
650
mA
Maximum LNB Supply Current
IMAX = 01
1.4
1.6
1.92
A
Tone Frequency
ftone
20
22
24
kHz
Tone Amplitude
500
650
800
mV
Tone Duty Cycle
40
50
60
%
Tone Rise and Fall Time
3
6
10
µs
Tone Detector Frequency Capture
Range
17.6
26.4
kHz
Tone Detector Input Amplitude
200
1000
mVpp
Note: Specifications based on recommended schematics in Figure 8 and Figure 9.


Número de pieza similar - SI2110-X-FM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI2110-X-FM SILABS-SI2110-X-FM Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
More results

Descripción similar - SI2110-X-FM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXD1948R SONY-CXD1948R Datasheet
718Kb / 78P
   IEEE1394 Link Layer LSI for DVB and DSS
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
   DVB-S Satellite Tuner with RF bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com