Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7052 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA7052
Descripción Electrónicos  1 W BTL mono audio amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7052 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA7052 Datasheet HTML 1Page - NXP Semiconductors TDA7052 Datasheet HTML 2Page - NXP Semiconductors TDA7052 Datasheet HTML 3Page - NXP Semiconductors TDA7052 Datasheet HTML 4Page - NXP Semiconductors TDA7052 Datasheet HTML 5Page - NXP Semiconductors TDA7052 Datasheet HTML 6Page - NXP Semiconductors TDA7052 Datasheet HTML 7Page - NXP Semiconductors TDA7052 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
July 1994
2
Philips Semiconductors
Product specification
1 W BTL mono audio amplifier
TDA7052
GENERAL DESCRIPTION
The TDA7052 is a mono output amplifier in a 8-lead dual-in-line (DIL) plastic package. The device is designed for
battery-fed portable audio applications.
Features:
• No external components
• No switch-on or switch-off clicks
• Good overall stability
• Low power consumption
• No external heatsink required
• Short-circuit proof
QUICK REFERENCE DATA
PACKAGE OUTLINE
8-lead DIL; plastic (SOT97); SOT97-1; 1996 August 21.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
Supply voltage range
3
6
18
V
Itot
Total quiescent current
RL = ∞−
48mA
Gv
Voltage gain
38
39
40
dB
Po
Output power
THD = 10%; 8
Ω−
1,2
W
THD
Total harmonic distortion
Po = 0,1 W
0,2
1,0
%


Número de pieza similar - TDA7052

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
TDA7052AG-D08-T UTC-TDA7052AG-D08-T Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results

Descripción similar - TDA7052

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com