Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TDA7052A Datasheet(Hoja de datos) 5 Page - NXP Semiconductors

No. de Pieza. TDA7052A
Descripción  1 W BTL mono audio amplifier with DC volume control
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

 
 5 page
background image
July 1994
5
Philips Semiconductors
Product specification
1 W BTL mono audio amplifier with DC
volume control
TDA7052A/AT
THERMAL RESISTANCE
Notes to the thermal resistance
TDA7052A: VP = 6 V; RL = 8 Ω. The maximum sine-wave dissipation is 0.9 W.
Therefore Tamb(max) = 150 − 100 × 0.9 = 60 °C.
TDA7052AT: VP = 6 V; RL = 16 Ω. The maximum sine-wave dissipation is 0.46 W.
Therefore Tamb(max) = 150 − 155 × 0.46 = 78 °C.
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
TDA7052A
100 K/W
TDA7052AT
155 K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TDA7052BMono BTL audio amplifier with DC volume control 1 2 3 4 5 MoreNXP Semiconductors
TDA7056A3 W BTL mono audio output amplifier with DC volume control 1 2 3 4 5 MoreNXP Semiconductors
TDA7056AT3 W mono BTL audio amplifier with DC volume control 1 2 3 4 5 MoreNXP Semiconductors
TDA7056B5 W mono BTL audio amplifier with DC volume control 1 2 3 4 5 MoreNXP Semiconductors
ILA7056B5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL 1 2 3 4 5 MoreIntegral Corp.
TDA7053AStereo BTL audio output amplifier with DC volume control 1 2 3 4 5 MoreNXP Semiconductors
TDA85511 W BTL audio amplifier with digital volume control 1 2 3 4 5 MoreNXP Semiconductors
TDA7057AQ2 x 8 W stereo BTL audio output amplifier with DC volume control 1 2 3 4 5 MoreNXP Semiconductors
FAN70403W Mono BTL Amplifier with DC Volume Control 1 2 3 4 5 MoreFairchild Semiconductor
TPA01322-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl