Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2-THR1-F1-N1 Datasheet(PDF) 1 Page - Cree, Inc

No. de pieza LM2-THR1-F1-N1
Descripción Electrónicos  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

LM2-THR1-F1-N1 Datasheet(HTML) 1 Page - Cree, Inc

  LM2-THR1-F1-N1 Datasheet HTML 1Page - Cree, Inc LM2-THR1-F1-N1 Datasheet HTML 2Page - Cree, Inc LM2-THR1-F1-N1 Datasheet HTML 3Page - Cree, Inc LM2-THR1-F1-N1 Datasheet HTML 4Page - Cree, Inc LM2-THR1-F1-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Subject to change without notice.
www.cree.com/ledlamps
Cree® SMD LED
Model # LM2-THR-F-N
Data Sheet
60-degree, 3.2 x 2.7 mm, power SMD LED in red color with water-transparent lens
Applications
Traffic Lights
Backlighting (such as LCDs, switches, keys, displays, illuminated advertising)
Interior and Exterior Automotive Lighting (such as dashboards, backup and brake lights)
Substitution for Micro Incandescent Lamps
Marker Lights (such as steps and exits)
Signal and Symbol Luminaires
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
70
mA
Peak Forward Current Note 1
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
225
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient Note 2
R
THJA
300
°C/W
Junction/Solder Point
R
THJS
150
°C/W
Notes:
Pulse width ≤0.1 msec, duty ≤1/10.
Rth test condition: mounted on PCB FR4 (pad size ≥16 mm2)
Typical Electrical & Optical Characteristics (T
A = 25°C )
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 50 mA
V
2.5
3.2
Reverse Current
I
R
V
R = 5 V
μA
10
Luminous Flux
Φ
V
I
F = 50 mA
mlm
2550
Luminous Intensity
I
V
I
F = 50 mA
mcd
1400
2200
Dominant Wavelength
λ
D
I
F = 50 mA
nm
620
628
635
50% Power Angle
2θ½
I
F = 50 mA
deg
60
1.
2.


Número de pieza similar - LM2-THR1-F1-N1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
LM2-TRO1-F1 MARKTECH-LM2-TRO1-F1 Datasheet
273Kb / 2P
   Red−Orange Power SMT LED
LM2-TYL1-F1 MARKTECH-LM2-TYL1-F1 Datasheet
266Kb / 2P
   Yellow Power SMT LED
logo
Cree, Inc
LM2-TYL1-F1-N1 CREE-LM2-TYL1-F1-N1 Datasheet
331Kb / 5P
   SMD LED
More results

Descripción similar - LM2-THR1-F1-N1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com