Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7052BT Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza TDA7052BT
Descripción Electrónicos  Mono BTL audio amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7052BT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA7052BT Datasheet HTML 4Page - NXP Semiconductors TDA7052BT Datasheet HTML 5Page - NXP Semiconductors TDA7052BT Datasheet HTML 6Page - NXP Semiconductors TDA7052BT Datasheet HTML 7Page - NXP Semiconductors TDA7052BT Datasheet HTML 8Page - NXP Semiconductors TDA7052BT Datasheet HTML 9Page - NXP Semiconductors TDA7052BT Datasheet HTML 10Page - NXP Semiconductors TDA7052BT Datasheet HTML 11Page - NXP Semiconductors TDA7052BT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1997 Aug 15
8
Philips Semiconductors
Product specification
Mono BTL audio amplifier with DC volume
control
TDA7052B
Fig.11 Supply voltage ripple rejection versus
frequency.
Measured with VR = 0.2 V.
(1) VDC = 1.4 V.
(2) VDC = 0.4 V.
handbook, halfpage
−70
−60
−50
−40
−30
−20
MBH374
10−2
10−1
110
102
f (kHz)
SVRR
(dB)
(1)
(2)
Fig.12 Input signal handling.
Measured at a THD of 1% and a voltage gain of 0 dB.
handbook, halfpage
020
2.0
0
0.4
MBH375
0.8
1.2
1.6
4
VI
(V)
812
16
VP (V)
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”, if this type is used as an audio amplifier.


Número de pieza similar - TDA7052BT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results

Descripción similar - TDA7052BT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com