Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD60C31 Datasheet(PDF) 5 Page - AUK corp

No. de pieza SD60C31
Descripción Electrónicos  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C31 Datasheet(HTML) 5 Page - AUK corp

  SD60C31 Datasheet HTML 1Page - AUK corp SD60C31 Datasheet HTML 2Page - AUK corp SD60C31 Datasheet HTML 3Page - AUK corp SD60C31 Datasheet HTML 4Page - AUK corp SD60C31 Datasheet HTML 5Page - AUK corp SD60C31 Datasheet HTML 6Page - AUK corp SD60C31 Datasheet HTML 7Page - AUK corp SD60C31 Datasheet HTML 8Page - AUK corp SD60C31 Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
KSI-W001-000
5
Pin Description(continued)
ALE
: PIN 30 (DIP40), PIN 33 (PLCC44)
Address latch enable output pulse for latching the low byte of the address during
accesses to external memory.
In normal operation ALE is emitted at a constant rate of 1/6 the oscillator frequency,
and may be used for external timing of clocking purposes.
Note : However, that one ALE pulse is skipped during each access to external data
memory.
If desired, ALE operation can be disabled by setting bit 0 of SFR location 8EH.
With the bit set, ALE is active only during a MOVX instruction. Otherwise, the pin
is weakly pulled high.
PSEN : PIN 29 (DIP40), PIN 32 (PLCC44)
Program store enable is the read strobe to external program memory. When the
60C51 is executing code from external program memory, PSEN is activated twice
each machine cycle, except that two PSEN activations are skipped during each
access to external data memory. PSEN is not activated during fetches from internal
program memory.
EA
: PIN 31 (DIP40), PIN 35 (PLCC44)
External access enable. EA must be strapped to VSS in order to enable the device
to fetch code from external program memory locations starting at 0000H up to
FFFFH.
If EA is strapped to VCC the device executes from internal program memory unless
the program counter contains an address greater than 0FFFH.
XTAL1 : PIN 19 (DIP40), PIN 21 (PLCC44)
Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
NC
: PIN1, 12, 23, 34 (PLCC44)
Non connection pins.
XTAL2 : PIN 18 (DIP40), PIN 20(PLCC44)
Output from the inverting oscillator amplifier
SD60C31/P SD60C51/P


Número de pieza similar - SD60C31

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SD60C32 AUK-SD60C32 Datasheet
90Kb / 13P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
SD60C32P AUK-SD60C32P Datasheet
90Kb / 13P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
More results

Descripción similar - SD60C31

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SD60C32 AUK-SD60C32 Datasheet
90Kb / 13P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
List of Unclassifed Man...
DMC60C52 ETC2-DMC60C52 Datasheet
712Kb / 14P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Daewoo Semiconductor
DMC60C51 DAEWOO-DMC60C51 Datasheet
579Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC80C49 DAEWOO-DMC80C49 Datasheet
655Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC60C52 DAEWOO-DMC60C52 Datasheet
706Kb / 14P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Intel Corporation
M8751H-8 INTEL-M8751H-8 Datasheet
1Mb / 16P
   SINGLE-COMPONENT 8 BIT MICROCOMPUTER
logo
List of Unclassifed Man...
DMC60C51 ETC2-DMC60C51 Datasheet
583Kb / 12P
   COMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com