Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB08-2415D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza SB08-2415D
Descripción Electrónicos  Isolated and Regulated 8 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SB08-2415D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SB08-2415D Datasheet HTML 1Page - List of Unclassifed Manufacturers SB08-2415D Datasheet HTML 2Page - List of Unclassifed Manufacturers SB08-2415D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 8 WATT Modular DC/DC Converters
S B 0 8 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Pin #
Single Outputs
Dual Outputs
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Common
10
NC
NC
11
NC
- Output
14
+ Output
+ Output
15
NC
NC
16
- Output
Common
22
+Vin
+Vin
23
+Vin
+Vin
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN mm
PIN PITCH TOLERANCE +/- 0.35mm
OUTPUT DERATING CURVE


Número de pieza similar - SB08-2415D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
SB08-2415D ASTRODYNE-SB08-2415D Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
SB08-2415D ASTRODYNE-SB08-2415D Datasheet
310Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
More results

Descripción similar - SB08-2415D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
SB08 ASTRODYNE-SB08 Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
SB08 ASTRODYNE-SB08_16 Datasheet
310Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com