Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7072 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA7072
Descripción Electrónicos  Single BTL power driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7072 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA7072 Datasheet HTML 2Page - NXP Semiconductors TDA7072 Datasheet HTML 3Page - NXP Semiconductors TDA7072 Datasheet HTML 4Page - NXP Semiconductors TDA7072 Datasheet HTML 5Page - NXP Semiconductors TDA7072 Datasheet HTML 6Page - NXP Semiconductors TDA7072 Datasheet HTML 7Page - NXP Semiconductors TDA7072 Datasheet HTML 8Page - NXP Semiconductors TDA7072 Datasheet HTML 9Page - NXP Semiconductors TDA7072 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
July 1994
7
Philips Semiconductors
Objective specification
Single BTL power driver
TDA7072A/AT
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT97-1
92-11-17
95-02-04
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
ME
e 1
1.73
1.14
0.53
0.38
0.36
0.23
9.8
9.2
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
1.15
4.2
0.51
3.2
inches
0.068
0.045
0.021
0.015
0.014
0.009
1.07
0.89
0.042
0.035
0.39
0.36
0.26
0.24
0.14
0.12
0.01
0.10
0.30
0.32
0.31
0.39
0.33
0.045
0.17
0.020
0.13
b2
050G01
MO-001AN
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
8
1
5
4
b
E
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
pin 1 index
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-1


Número de pieza similar - TDA7072

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA7073 PHILIPS-TDA7073 Datasheet
74Kb / 16P
   Dual BTL power driver
1999 Aug 30
TDA7073A PHILIPS-TDA7073A Datasheet
74Kb / 16P
   Dual BTL power driver
1999 Aug 30
TDA7073AT PHILIPS-TDA7073AT Datasheet
74Kb / 16P
   Dual BTL power driver
1999 Aug 30
More results

Descripción similar - TDA7072

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA7073A PHILIPS-TDA7073A Datasheet
74Kb / 16P
   Dual BTL power driver
1999 Aug 30
logo
ON Semiconductor
LA6581T-TE-L-E ONSEMI-LA6581T-TE-L-E Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6581T-TE-L-H ONSEMI-LA6581T-TE-L-H Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6581MC ONSEMI-LA6581MC Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6584M SANYO-LA6584M Datasheet
93Kb / 5P
   BTL Driver Single-Phase Full-Wave
logo
ON Semiconductor
LA6586FA ONSEMI-LA6586FA Datasheet
87Kb / 7P
   BTL Driver Single-Phase Full-Wave
May, 2013
LA6585MC ONSEMI-LA6585MC Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
logo
AMtek SEMICONDUCTORS CO...
AM5810FM AMTEK-AM5810FM Datasheet
378Kb / 10P
   Five Channels BTL Power Driver
Dec, 2012 V1.6
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
   Five Channels BTL Power Driver
Feb, 2014 V1.0P
logo
List of Unclassifed Man...
AM5810 ETC1-AM5810 Datasheet
326Kb / 7P
   Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com