Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8001 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA8001
Descripción Electrónicos  Smart card interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8001 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8001 Datasheet HTML 1Page - NXP Semiconductors TDA8001 Datasheet HTML 2Page - NXP Semiconductors TDA8001 Datasheet HTML 3Page - NXP Semiconductors TDA8001 Datasheet HTML 4Page - NXP Semiconductors TDA8001 Datasheet HTML 5Page - NXP Semiconductors TDA8001 Datasheet HTML 6Page - NXP Semiconductors TDA8001 Datasheet HTML 7Page - NXP Semiconductors TDA8001 Datasheet HTML 8Page - NXP Semiconductors TDA8001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1996 Dec 12
3
Philips Semiconductors
Product specification
Smart card interface
TDA8001
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
6.7
18
V
IDD
supply current
idle mode; VDD =12V
32
mA
active modes; unloaded
45
mA
Vth2
threshold voltage on VSUP
4.5
4.72
V
Vth4
threshold voltage on VDD
6
6.5
V
VCC
card supply voltage
including static and dynamic
loads on 100 nF capacitor
4.75
5.0
5.25
V
ICC
card supply current
operating
−−−100
mA
detection
−−150
mA
limitation
−−−200
mA
VH
high voltage supply for
VPP
−−
30
V
VPP
card programming
voltage (only at TDA8001
and TDA8001T)
(P = 5, 12.5, 15 and 21 V)
including static and dynamic
loads on 100 nF capacitor
P
− 2.5% −
P + 2.5% V
IPP
programming current
(read or write mode)
operating
−−−50
mA
detection
−−75
mA
limitation
−−−100
mA
SR
slew rate on VCC and VPP
(rise and fall)
maximum load capacitor 150 nF
0.38
V/
µs
tde
deactivation cycle duration
75
100
125
µs
fclk
clock frequency
0
8
MHz
Ptot
continuous total power
dissipation
TDA8001; Tamb = +70 °C;
see Fig.10
−−
0.92
W
TDA8001T; Tamb = +70 °C;
see Fig.11
−−
2W
Tamb
operating ambient
temperature
0
+70
°C


Número de pieza similar - TDA8001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8000 PHILIPS-TDA8000 Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8000T PHILIPS-TDA8000T Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002A PHILIPS-TDA8002A Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002AT PHILIPS-TDA8002AT Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
More results

Descripción similar - TDA8001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com