Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC0805L224M Datasheet(PDF) 4 Page - Bi technologies |
|
LC0805L224M Datasheet(HTML) 4 Page - Bi technologies |
4 / 6 page 4-46 Model LC Series Low pass filters are most commonly used in high frequency circuits where the probability of noise is significant. The LC Series, a ladder type low pass filter, is the most suitable for attenuating unwanted noise. The LC Series is an integrated passive device with the equivalent of four inductors and three capacitors imbedded into a single 0805 or 1206 monolithic chip. The LC Series integrated passive ladder construction FILTER DESIGN COMPARISON AND BENEFITS Cutoff Rated Part Frequency Rated Current DCR Number -3dB (±20%) Voltage Max. Max. LC 0805 L 103M 10 MHz 25Vdc 100mA dc 6 Ohms LC 1206 L 103M 10 MHz 25Vdc 100mA dc 6 Ohms LC 0805 L 223M 22 MHz 25Vdc 100mA dc 6 Ohms LC 1206 L/H 223M 22 MHz 25Vdc 100mA dc/1A dc 6 Ohms/1 Ohm LC 0805 L/H 473M 47 MHz 25Vdc 100mA dc/1A dc 6 Ohms/1 Ohm LC 1206 L/H 473M 47 MHz 25Vdc 100mA dc/1A dc 6 Ohms/1 Ohm LC 0805 L/H 104M 100 MHz 25Vdc 100mA dc/1A dc 6 Ohms/1 Ohm LC 1206 L/H 104M 100 MHz 25Vdc 100mA dc/1A dc 6 Ohms/1 Ohm LC 0805 L/H 224M 220 MHz 25Vdc 100mA dc/1A dc 6 Ohms/1 Ohm ELECTRICAL Solderability JIS C5102 8.4, 230°, 4 seconds, 90% coverage Life 2 x rated voltage, ∆C, ∆L, ≤30%, 1,000 hours at 85°C Temperature Cycle JIS C5102 9.3, -25°C to +85°C, 5 cycles, ∆C, ∆L, ≤20% Moisture Resistance +65°C, 90% R.H., 1,000 hours, ∆C, ∆L, ≤30% ENVIRONMENTAL is superior to discrete solutions at high frequencies due to very short internal interconnections. The LC Series' ladder construction is superior to "T" styles by offering greater attenuation beyond the cutoff frequency. The LC Series low pass filters offer steeper insertion loss and greater noise attenuation than other filters. The LC Series provides signal attenuation below -20dB above 1GHz. |
Número de pieza similar - LC0805L224M |
|
Descripción similar - LC0805L224M |